Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 14Page - Analog Devices AD9553/PCBZ Datasheet HTML 15Page - Analog Devices AD9553/PCBZ Datasheet HTML 16Page - Analog Devices AD9553/PCBZ Datasheet HTML 17Page - Analog Devices AD9553/PCBZ Datasheet HTML 18Page - Analog Devices AD9553/PCBZ Datasheet HTML 19Page - Analog Devices AD9553/PCBZ Datasheet HTML 20Page - Analog Devices AD9553/PCBZ Datasheet HTML 21Page - Analog Devices AD9553/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9553
Rev. 0 | Page 18 of 44
The SPI/OM[2:0] pins serve double duty (as either SPI pins or
output mode control pins). A mux (controlled by the SPI mode
signal) selects whether the three signals associated with the
SPI/OM[2:0] pins connect to the output mode control decoder
or to the SPI controller. Note that the SPI mode signal
originates from the frequency selection pins decoder.
To enable communication with the SPI controller (SPI
mode), the user must apply the appropriate logic pattern
to the frequency selection pins (A[3:0] = 0000 and/or
Y[5:0] = 000000). Note that as long as the frequency selection
pins are set to invoke SPI mode, the user cannot establish
output mode control via the output mode control decoder.
Conversely, when the frequency selection pins are set to
anything other than SPI mode, the user cannot communicate
with the device via the SPI controller.
In Figure 19, note that some of the functions internal to the
AD9553 are controlled by function bits that originate either
from the two pin decoders or from within the register map.
Specifically, each function receives its function bits from a
function mux; and each function mux, in turn, receives its
control signal from a single enable SPI control bit in the
register map.
Be aware that the default values within the register map are such
that all enable SPI control bits are Logic 0. Thus, the default
state of the device is such that each function mux selects the pin
decoders (not the register map) as the source for all control
functions.
In order to switch a function mux so that it selects function
bits from the register map, the user must first set the frequency
selection pins to SPI mode. Then, write a Logic 1 to the appro-
priate enable SPI control bit in the register map. Be aware that
the function mux routes the function bits in the register map
to the selected function the instant that the enable SPI control
bit becomes Logic 1. Thus, it is a good idea to program the
function bits to the desired state prior to writing Logic 1 to
the corresponding enable SPI control bit.
Although the SPI and pin control modes are functionally
independent, it is possible to mix the control modes. For
example, suppose that pin control satisfies all of the require-
ments for an application except for the value of the P2 divider
(which is associated with OUT2). The user could do the
following:
•
Activate SPI mode via the frequency selection pins.
•
Program the desired P0, P1, and P2 values in the register
map (Register 0x15 to Register 0x18).
•
Set the enable SPI control bit for the output dividers
(Register 0x14[2] = 1).
•
Calibrate the VCO by enabling SPI control of VCO
calibration (Register 0x0E[2] = 1), then issue a calibrate
command (Register 0x0E[7] = 1). Be sure to program the
N divider, R dividers, /5 dividers, and ×2 multipliers to the
values defined by the A[3:0] and Y[5:0] pin settings prior
to calibrating the VCO.
•
Restore the original settings to the frequency selection pins
to invoke the desired frequency selection.
In this way, the function muxes that control P0, P1, and P2 select
the appropriate register bits as the source for controlling the
dividers, while all the other function muxes select the pin
decoders as the source for controlling the other functions. Note
that the dividers remain under register control until the user
activates SPI mode and writes Register 0x14[2] = 0, thereby
causing the function mux to use the frequency selection pins
decoder as the source for controlling the dividers, instead of the
register map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com