Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9553/PCBZ Datasheet HTML 1Page - Analog Devices AD9553/PCBZ Datasheet HTML 2Page - Analog Devices AD9553/PCBZ Datasheet HTML 3Page - Analog Devices AD9553/PCBZ Datasheet HTML 4Page - Analog Devices AD9553/PCBZ Datasheet HTML 5Page - Analog Devices AD9553/PCBZ Datasheet HTML 6Page - Analog Devices AD9553/PCBZ Datasheet HTML 7Page - Analog Devices AD9553/PCBZ Datasheet HTML 8Page - Analog Devices AD9553/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9553
Rev. 0 | Page 4 of 44
RESET PIN
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS1
Input Voltage High, VIH
1.96
V
Input Voltage Low, VIL
0.85
V
Input Current High, IINH
0.3
12.5
μA
Input Current Low, IINL
31
43
μA
MINIMUM PULSE WIDTH LOW
150
μs
Tested with an active source driving the RESET pin.
1 The RESET pin has a 100 kΩ internal pull-up resistor.
REFERENCE CLOCK INPUT CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL INPUT
Input Frequency Range
0.008
250
MHz
710
MHz
Assumes minimum LVDS input level and requires
bypassing of the /5 divider and 2× multiplier.
Common-Mode Internally Generated
Input Voltage
613
692
769
mV
Use ac coupling to preserve the internal dc bias of the
differential input.
Differential Input Voltage Sensitivity
250
mV p-p
Capacitive coupling required; can accommodate single-
ended input by ac grounding unused input; the
instantaneous voltage on either pin must not exceed the
3.3 V dc supply rails.
Differential Input Resistance
5
kΩ
Differential Input Capacitance
3
pF
Duty Cycle
Pulse width high and pulse width low establish the
bounds for duty cycle.
Pulse Width Low
1.6
ns
Up to 250 MHz.
Pulse Width High
1.6
ns
Up to 250 MHz.
Pulse Width Low
0.64
ns
Beyond 250 MHz, up to 710 MHz.
Pulse Width High
0.64
ns
Beyond 250 MHz, up to 710 MHz.
CMOS SINGLE-ENDED INPUT
Input Frequency Range
0.008
200
MHz
Input High Voltage1
1.05
V
Input Low Voltage1
0.98
V
Input High Current
0.04
μA
Input Low Current
0.03
μA
Input Capacitance
3
pF
Duty Cycle
Pulse width high and pulse width low establish the
bounds for duty cycle.
Pulse Width Low
2
ns
Pulse Width High
2
ns
2× FREQUENCY MULTIPLIER
125
MHz
To avoid excessive reference spurs, the 2× multiplier
requires 48% to 52% duty cycle. Reference clock input
frequencies greater than 125 MHz require the use of the
/5 divider.
1The single-ended CMOS input is 3.3 V compatible. In the case of ac-coupling, the user must bias the input at 1.0 V dc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com