Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 10Page - Analog Devices AD9553/PCBZ Datasheet HTML 11Page - Analog Devices AD9553/PCBZ Datasheet HTML 12Page - Analog Devices AD9553/PCBZ Datasheet HTML 13Page - Analog Devices AD9553/PCBZ Datasheet HTML 14Page - Analog Devices AD9553/PCBZ Datasheet HTML 15Page - Analog Devices AD9553/PCBZ Datasheet HTML 16Page - Analog Devices AD9553/PCBZ Datasheet HTML 17Page - Analog Devices AD9553/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD9553
Rev. 0 | Page 14 of 44
PRESET FREQUENCIES
The frequency selection pins (A[3:0] and Y[5:0]) allow the user
to hardwire the device for preset input and output frequencies
based on the pin logic states (see Figure 20). The pins decode
ground or open connections as Logic 0 or Logic 1, respectively.
In order to have access to the device control registers via the SPI
port, the user must select Y[5:0] = 000000 and/or A[3:0] = 0000.
Doing so causes Pin 12 through Pin 14 to function as SPI port
control pins instead of output mode control pins (see the Output
Driver Mode Control section). Note that after selecting SPI
mode, the user must write a Logic 1 to Bit 0 of Register 0x32 and
Register 0x34 to enable the registers as the source of the OUT1 and
OUT2 mode control bits (see Figure 23 and the Output Driver
Mode Control section).
The A[3:0] pins allow the user to select one of fifteen input
reference frequencies as shown in Table 14. The device sets the
appropriate divide-by-5 (/5A, /5B), multiply-by-2 (×2A, ×2B),
and input divider (RA, RB, RXO) values based on the logic levels
applied to the A[3:0] pins.
The same settings apply to both the REFA and REFB input
paths. Furthermore, the /5, ×2, and R values cause the PLL
input frequency to be either 16 kHz or 40/3 kHz. The excep-
tions are A[3:0] = 1101 and 1110, which yield a PLL input
frequency of 155.52/59 MHz and 4.86 MHz, respectively.
Note that the XTAL input is not available for holdover
functionality in the A[3:0] = 1101 and 1110 configurations,
thus the undefined RXO value.
The Y[5:0] pins allow the user to select one of 51 output
frequency combinations (fOUT1 and fOUT2) per Table 15.
The device sets the appropriate P0, P1, and P2 settings based
on the logic levels applied to the Y[5:0] pins. Note, however,
that selections 101101 through 110010 require A[3:0] = 1101
and selection 110011 requires A[3:0] = 1110.
The value (N) of the PLL feedback divider and the control
setting for the charge pump current (CP) depend on a
combination of both the A[3:0] and Y[5:0] pin settings as
shown in Table 16.
Table 14. Pin-Configured Input Frequency1
Pins A[3:0]
fREFA, fREFB (MHz)
/5A, /5B
×2A, ×2B
RA, RB (Decimal)
RXO (Decimal)
0000
SPI mode
0001
0.008
–
On
1
3125
0010
1.536
–
–
96
3125
0011
2.048
–
–
128
3125
0100
16.384
–
–
1024
3125
0101
19.44
–
–
1215
3125
0110
25
–
On
3125
3125
0111
38.88
–
–
2430
3125
1000
61.44
–
–
3840
3125
1001
77.76
–
–
4860
3125
1010
122.88
–
–
7680
3125
1011
125
On
On
3125
3125
1100
1.544
–
On
193
3125
11012
155.52
–
–
59
Undefined
11103
77.76
–
–
16
Undefined
1111
200/3
–
–
5000
3750
1 For /5 and ×2 frequency scalers, – indicates bypassed and On indicates active.
2 Pins A[3:0] = 1101 only works with Pins Y[5:0] =101101 through 110010.
3 Pins A[3:0] = 1110 only works with Pins Y[5:0] =110011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com