Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 18Page - Analog Devices AD9553/PCBZ Datasheet HTML 19Page - Analog Devices AD9553/PCBZ Datasheet HTML 20Page - Analog Devices AD9553/PCBZ Datasheet HTML 21Page - Analog Devices AD9553/PCBZ Datasheet HTML 22Page - Analog Devices AD9553/PCBZ Datasheet HTML 23Page - Analog Devices AD9553/PCBZ Datasheet HTML 24Page - Analog Devices AD9553/PCBZ Datasheet HTML 25Page - Analog Devices AD9553/PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9553
Rev. 0 | Page 22 of 44
Loop Filter
The charge pump in the PFD delivers current to the loop filter
(see Figure 22). The main components of the loop filter are
external and connect between Pin 16 and Pin 17. Note that to
achieve the best jitter performance in applications requiring a loop
bandwidth of less than 1 kHz, C1 and C2 must have an insulation
resistance of at least 500 ΩF.
R
C1
C2
16
17
3k
Ω
FROM
CHARGE
PUMP
TO
VCO
5pF
AD9553
FILTER
LDO
EXTERNAL LOOP FILTER
COMPONENTS
Figure 22. External Loop Filter
There are two recommended sets of external loop filter com-
ponents (see Table 17) based on the A[3:0] pin configuration.
Table 17. External Loop Filter Components
Pins A[3:0]
R (kΩ) C1
C2
Loop Bandwidth (kHz)
0001 to
1100
6.8
47 nF
1 μF
0.17
1101 to
1110
12
51 pF
220 nF
75
1111
6.8
47 nF
1 μF
0.17
PLL Locked Indicator
The PLL provides a status indicator that appears at Pin 20
(LOCKED). When the PLL acquires phase lock, the LOCKED
pin switches to a Logic 1 state.
Alternatively, the LOCKED pin serves as a test port allowing the
user to monitor one-of-four internal clocks. Register 0x17[3:1]
controls the test port as shown in Table 18.
Table 18: LOCKED Pin Output Control
Register
0x17[3:1]
LOCKED Pin Output
0XX
PLL locked indication (default)
100
Crystal oscillator clock signal
101
PFD pump-up clock divided-by-2
110
PFD reference input clock divided-by-2
111
PLL feedback to PFD clock divided-by-2
Output Dividers
The output divider section consists of three dividers: P0, P1, and P2.
The P0 divider (or VCO frequency prescaler) accepts the VCO
frequency and reduces it by a factor of 5 or 6 (selectable). This
brings the frequency down to a range between 558 MHz and
810 MHz.
The output of the P0 divider independently drives the P1 divider
and the P2 divider. The P1 divider establishes the frequency at
OUT1 and the P2 divider establishes the frequency at OUT2.
The P1 and P2 dividers are each programmable over a range of
1 to 1023, which results in a frequency at OUT1 or OUT2 that
is an integer submultiple of the frequency at the output of the P0
divider.
Output Driver Configuration
The user has complete control over all configurable parameters
of the OUT1 and OUT2 drivers via the OUT1 and OUT2 driver
control registers (Register 0x32 and Register 0x34, respectively,
as shown in Figure 23). To alter the parameters from their
default values, the user must use the SPI port to program the
driver control registers as desired.
The OUT1 and OUT2 drivers are configurable in terms of the
following parameters:
•
Logic family (via mode control)
•
Pin function (via mode control but only applies to the
CMOS family)
•
Polarity (only applies to the CMOS family)
•
Drive current
•
Power-down
Output Driver Mode Control
Three mode control bits establish the logic family and pin
function of the output drivers. The three bits originate either
from Bits[5:3] of Register 0x32 and Register 0x34 or from the
decode logic associated with the OM[2:0] pins as shown in
Figure 23. Note that Bit 0 of Register 0x32 and Register 0x34
determines the source of the three mode control bits for the
associated output driver. Specifically, when Bit 0 of the register
is Logic 0 (default), the source of the mode control bits for the
associated driver is the OM[2:0] pin decoder. When Bit 0 is
Logic 1, the source of the mode control bits is from Bits[5:3] of
Register 0x32 and Register 0x34.
The mode control bits establish the logic family and output pin
function of the associated output driver per Table 19. The logic
families include LVDS, LVPECL, and CMOS. Because both
output drivers support the LVDS and LVPECL logic families,
each driver has two pins to handle the differential signals
associated with these two logic families. The OUT1 driver uses
the OUT1 and OUT1 pins and the OUT2 driver uses the OUT2
and OUT2 pins. However, the CMOS logic family handles only
single-ended signals, thereby requiring only one pin. Even
though CMOS only requires one pin, both pins of OUT1 and
both pins of OUT2 have a dedicated CMOS driver.
The user has the option to disable (that is, tristate) either or
both of the pins for OUT1 and/or OUT2 via the mode control
bits (see Table 19, Bit Patterns 001, 010, and 011). Alternatively,
the user can make both pins active (see Table 19, Bit Pattern
000) to produce two single-ended CMOS output clocks at
OUT1 and/or OUT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com