Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 21Page - Analog Devices AD9553/PCBZ Datasheet HTML 22Page - Analog Devices AD9553/PCBZ Datasheet HTML 23Page - Analog Devices AD9553/PCBZ Datasheet HTML 24Page - Analog Devices AD9553/PCBZ Datasheet HTML 25Page - Analog Devices AD9553/PCBZ Datasheet HTML 26Page - Analog Devices AD9553/PCBZ Datasheet HTML 27Page - Analog Devices AD9553/PCBZ Datasheet HTML 28Page - Analog Devices AD9553/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AD9553
Rev. 0 | Page 25 of 44
Output Driver Polarity (CMOS)
When the mode control bits indicate the CMOS logic family
(see Table 19), the user has control of the logic polarity asso-
ciated with each CMOS output pin. Driver polarity defines how
the logic level (Logic 1 or Logic 0) at a CMOS output pin relates
to the logic state (Logic True or Logic False). Normal polarity
equates Logic 1/Logic 0 to Logic True/Logic False, while
inverted polarity equates Logic 0/Logic 1 to Logic True/Logic
False. Bits[2:1] of the OUT1 and OUT2 driver control registers
control the CMOS polarity of the associated output driver (see
Figure 23).
Output Drive Strength (CMOS or LVDS)
When the mode bits indicate the CMOS or LVDS logic family
(see Table 19), the user can select whether the output driver
uses weak or strong drive capability. Bit 7 of the OUT1 and
OUT2 driver control registers control the drive strength of the
associated output driver (see Figure 23). In the case of the
CMOS family, the strong setting allows for driving increased
capacitive loads. In the case of the LVDS family, the nominal
weak and strong drive currents are 3.5 mA and 7 mA,
respectively.
Output Power Down
The AD9553 supports the option of independent power-down
of the output drivers. Bit 6 of the OUT1 and OUT2 driver control
registers controls the power-down function (see Figure 23). When
Bit 6 is Logic 0, the associated output driver is active. When Bit 6 is
Logic 1, the associated output driver is in power-down mode.
JITTER TOLERANCE
Jitter tolerance is the ability of the AD9553 to maintain lock in
the presence of sinusoidal jitter. The AD9553 meets the input
jitter tolerance mask per Telcordia GR-253-CORE (see Figure 24).
The acceptable jitter tolerance is the region above the mask. The
trace showing the performance of the AD9553 in Figure 24
represents the limitations of the test equipment because the
AD9553 did not indicate loss of lock, even with the test
equipment injecting its maximum jitter level.
1k
1
10
100
0.1
0.01
0.1
1
10
100
1k
10k
JITTER FREQUENCY (kHz)
AD9553
MASK
Figure 24. Jitter Tolerance
OUTPUT/INPUT FREQUENCY RELATIONSHIP
The frequency at OUT1 and OUT2 depends on the frequency
at the input to the PLL, the PLL feedback divider value (N), and
the output divider values (P0, P1, and P2). The equations that
define the frequency at OUT1 and OUT2 (fOUT1 and fOUT2,
respectively) are as follows:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
1
0
1
P
P
N
FPFD
f
OUT
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
2
0
2
P
P
N
FPFD
f
OUT
where:
FPFD is the frequency at the reference input of the PFD.
N is the feedback divider value.
P0 is the VCO prescaler divider value.
P1 is the OUT1 divider value.
P2 is the OUT2 divider value.
The operating frequency range of the PFD places a limitation
on FPFD as follows:
13.3 kHz ≤
FPFD ≤ 100 MHz
Note that for applications using the frequency selection pins in
conjunction with the XTAL input for the holdover function, the
maximum value of FPFD is 50 MHz (twice the 25 MHz default
crystal frequency).
FPFD depends on the input frequency to the AD9553, the
configuration of the multiplexers for the /5 prescaler and 2×
frequency multiplier, and the value of the RX divider (either RA,
RB, or RXO) as follows:
X
X
R
K
f
FPFD
×
=
where:
fX is equal to fREFA, fREFB, or fXTAL.
K is the scale factor per Table 22.
FPFD is the frequency at the input to the phase frequency
detector.
Table 22. K as a Function of Input Multiplexer Configuration
Input
/5
2×
K
REFA
Bypassed
Bypassed
1
Active
Bypassed
1/5
Bypassed
Active
2
Active
Active
2/5
REFB
Bypassed
Bypassed
1
Active
Bypassed
1/5
Bypassed
Active
2
Active
Active
2/5
XTAL
N/A
N/A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com