Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 2Page - Analog Devices AD9553/PCBZ Datasheet HTML 3Page - Analog Devices AD9553/PCBZ Datasheet HTML 4Page - Analog Devices AD9553/PCBZ Datasheet HTML 5Page - Analog Devices AD9553/PCBZ Datasheet HTML 6Page - Analog Devices AD9553/PCBZ Datasheet HTML 7Page - Analog Devices AD9553/PCBZ Datasheet HTML 8Page - Analog Devices AD9553/PCBZ Datasheet HTML 9Page - Analog Devices AD9553/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9553
Rev. 0 | Page 6 of 44
OUTPUT CHARACTERISTICS
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE
Differential Output Voltage
Swing
690
800
890
mV
Output driver static (for dynamic performance, see
Figure 13).
Common-Mode Output
Voltage
VDD − 1.66
VDD − 1.34
VDD − 1.01
V
Output driver static.
Frequency Range
0
810
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency.
Rise/Fall Time1 (20% to 80%)
255
305
ps
100 Ω termination between the output driver pins.
LVDS MODE
Differential Output Voltage
Swing
Output driver static (for dynamic performance, see
Figure 13).
Balanced, VOD
297
398
mV
Voltage swing between output pins; output driver static.
Unbalanced, ΔVOD
8.3
mV
Absolute difference between voltage swing of normal pin and
inverted pin; output driver static.
Offset Voltage
Common Mode, VOS
1.17
1.35
V
Output driver static.
Common-Mode Difference,
ΔVOS
7.3
mV
Voltage difference between output pins; output driver static.
Short-Circuit Output Current
17
24
mA
Frequency Range
0
810
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency.
Rise/Fall Time1 (20% to 80%)
285
355
ps
100 Ω termination between the output driver pins.
CMOS MODE
Output Voltage High, VOH
Output driver static; standard drive strength setting.
IOH = 10 mA
2.8
V
IOH = 1 mA
2.8
V
Output Voltage Low, VOL
Output driver static; standard drive strength setting.
IOL = 10 mA
0.5
V
IOL = 1 mA
0.3
V
Frequency Range
0
200
MHz
3.3 V CMOS; standard drive strength setting. Output toggle
rates in excess of the maximum are possible, but with reduced
amplitude (see
Figure 12).
Duty Cycle
45
55
%
At maximum output frequency.
Rise/Fall Time1 (20% to 80%)
500
745
ps
3.3 V CMOS; standard drive strength setting; 10 pF load.
1 The listed values are for the slower edge (rise or fall).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com