Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 35Page - Analog Devices AD9553/PCBZ Datasheet HTML 36Page - Analog Devices AD9553/PCBZ Datasheet HTML 37Page - Analog Devices AD9553/PCBZ Datasheet HTML 38Page - Analog Devices AD9553/PCBZ Datasheet HTML 39Page - Analog Devices AD9553/PCBZ Datasheet HTML 40Page - Analog Devices AD9553/PCBZ Datasheet HTML 41Page - Analog Devices AD9553/PCBZ Datasheet HTML 42Page - Analog Devices AD9553/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD9553
Rev. 0 | Page 39 of 44
OUT1 Driver Control (Register 0x32)
Table 37.
Address
Bit
Bit Name
Description
0x32
7
OUT1 drive strength
Controls the output drive capability of the OUT1 driver.
0 = weak.
1 = strong (default).
6
OUT1 power-down
Controls power-down functionality of the OUT1 driver.
0 = OUT1 active (default).
1 = OUT1 powered down.
[5:3]
OUT1 mode control
OUT1 driver mode selection.
000 = CMOS, both pins active.
001 = CMOS, positive pin active, negative pin tristate.
010 = CMOS, positive pin tristate, negative pin active.
011 = CMOS, both pins tristate.
100 = LVDS.
101 = LVPECL (default).
110 = not used.
111 = not used.
[2:1]
OUT1 CMOS polarity
Selects the polarity of the OUT1 pins in CMOS mode.
00 = positive pin is normal polarity and negative pin is inverted polarity (default).
01 = positive pin is normal polarity and negative pin is normal polarity.
10 = positive pin is inverted polarity and negative pin logic is inverted polarity.
11 = positive pin logic is inverted polarity and negative pin is normal polarity.
These bits are ineffective unless Bits[5:3] select CMOS mode. See the Output Driver
Polarity (CMOS) section for the definition of normal and inverted polarity.
0
Use Bits[5:3] as source for
OUT1 mode control
Controls OUT1 driver functionality.
0 = OUT1 mode determined by the OM[2:0] pins (default).
1 = OUT1 mode defined by Register 0x32[5:3].
Reserved (Register 0x33)
Table 38.
Address
Bit
Bit Name
Description
0x33
[7:0]
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com