Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 16Page - Analog Devices AD9553/PCBZ Datasheet HTML 17Page - Analog Devices AD9553/PCBZ Datasheet HTML 18Page - Analog Devices AD9553/PCBZ Datasheet HTML 19Page - Analog Devices AD9553/PCBZ Datasheet HTML 20Page - Analog Devices AD9553/PCBZ Datasheet HTML 21Page - Analog Devices AD9553/PCBZ Datasheet HTML 22Page - Analog Devices AD9553/PCBZ Datasheet HTML 23Page - Analog Devices AD9553/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD9553
Rev. 0 | Page 20 of 44
XTAL Input
The AD9553 accepts an optional 25 MHz crystal resonator
connected across the XTAL pins. Unless otherwise programmed,
the device expects the crystal to have a specified load capacitance of
10 pF (default). The AD9553 provides the necessary load capacit-
ance internally. The internal load capacitance consists of a fixed
component of 8 pF and a variable (programmable) component of
0 pF to 15.75 pF.
After applying power to the AD9553 (or after a device reset),
the programmable component defaults to 2 pF. This establishes
the default load capacitance of 10 pF (8 pF fixed plus 2 pF
programmable).
To accommodate crystals with a specified load capacitance other
than 10 pF (8 pF to 23.75 pF), the user can adjust the program-
mable capacitance in 0.25 pF increments via Register 0x1B[5:0].
Note that when the user sets Register 0x1B[7] to 0 (enabling SPI
control of the XTAL tuning capacitors), the variable capacitance
changes from 2 pF (its default power-up value) to 15.75 pF
due to the default value of Register 0x1B[5:0]. This causes the
crystal load capacitance to be 23.75 pF until the user overwrites
the default contents of Register 0x1B[5:0].
A noncomprehensive, alphabetical list of crystal manufacturers
includes the following:
•
AVX/Kyocera
•
ECS
•
Epson Toyocom
•
Fox Electronics
•
NDK
•
Siward
Although these crystals meet the load capacitance and motional
resistance requirements of the AD9553 according to their data
sheets, Analog Devices, Inc., does not guarantee their operation
with the AD9553, nor does Analog Devices endorse one supplier
of crystals over another.
Input Frequency Prescalers (/5A, /5B)
The /5 prescalers provide the option to reduce the input
reference frequency by a factor of five. Note that the prescalers
physically precede the 2× frequency multipliers. This allows
the prescalers to bring a high frequency reference clock down
to a frequency that is within the range of the 2× frequency
multipliers.
Input 2× Frequency Multipliers (x2A, x2B)
The 2× frequency multipliers provide the option to double the
frequency at their input. This allows the user to take advantage
of a higher frequency at the input to the PLL (FPFD), which
allows for greater separation between the frequency generated
by the PLL and the modulation spur associated with FPFD.
However, increased reference spur separation comes at the
expense of the harmonic spurs introduced by the frequency
multiplier. As such, beneficial use of the frequency multiplier is
application specific. Note that the maximum input frequency
to the 2× frequency multipliers must not exceed 125 MHz.
Input Clock Detectors
The three clock input sections (REFA, REFB, and XTAL) include
a dedicated monitor circuit that detects signal presence at the
input. The detectors provide input to the switchover control
block to support automatic reference switching and holdover
operation.
Switchover/Holdover
The AD9553 supports automatic reference switching and hold-
over functions. It also supports manual reference switching via
an external pin (SEL REFB) or via program control using the
serial I/O port. A block diagram of the switchover/holdover
capability appears in Figure 21. Note that the mux selects one
of the three input signals (REFA, REFB, or XTAL) routing it to
the input of the PLL. The selection of an input signal depends
on which signals are present along with the contents of
Register 0x29[7:6] and the logic level at the SEL REFB pin.
Note that each input signal has a dedicated signal presence
detector. Each detector uses the feedback signal from the PLL
as a sampling clock (which is always present due to the free-
running VCO). This allows the detectors to determine the
presence or absence of the input signals reliably. Note that the
mux control logic uses the detector signals directly in order to
determine the need for a switch to holdover operation.
Holdover occurs whenever the mux control logic determines that
both the REFA and REFB signals are not present, in which case the
device selects the XTAL signal if it is present. The exception is
when Register 0x29[7:6] = 10 or 11, which disables the holdover
function. If none of the three input signals is present, the device
waits until at least one signal becomes present and selects according
to the device settings (Register 0x29[7:6] and the logic level at the
SEL REFB pin).
When the device is reset (or following a power-up), the internal
logic defaults to revertive switchover mode (Register 0x29[7:6] =
00). In revertive switchover mode, the device selects the REFA
signal whenever it is present. If REFA is not present, then the device
selects the REFB signal, if present, but returns to REFA whenever it
becomes available. That is, in revertive switchover mode, the device
favors REFA. If both REFA and REFB are not present, the device
switches to holdover mode.
When programmed for nonrevertive switchover mode
(Register 0x29[7:6] = 01), the device selects the REFA signal if
it is present. If REFA is not present, then the device selects the
REFB signal (if present). Even if REFA becomes available, the
device continues to use REFB until REFB fails. That is, in non-
revertive switchover mode, the switch to REFB is permanent
unless REFB fails (or unless both REFA and REFB fail, in which
case the device switches to holdover mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com