Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 7Page - Analog Devices AD9553/PCBZ Datasheet HTML 8Page - Analog Devices AD9553/PCBZ Datasheet HTML 9Page - Analog Devices AD9553/PCBZ Datasheet HTML 10Page - Analog Devices AD9553/PCBZ Datasheet HTML 11Page - Analog Devices AD9553/PCBZ Datasheet HTML 12Page - Analog Devices AD9553/PCBZ Datasheet HTML 13Page - Analog Devices AD9553/PCBZ Datasheet HTML 14Page - Analog Devices AD9553/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD9553
Rev. 0 | Page 11 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.30ps
0.62ps
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.26ps
0.49ps
Figure 3. Phase Noise, Pin Programmed
(fXTAL = 25 MHz, fOUT1 = 156.25 MHz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.25ps
0.63ps
Figure 4. Phase Noise, Pin Programmed
(fREF = 61.44 MHz, fOUT1 = 122.88 MHz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
0.73ps
0.51ps
Figure 5. Phase Noise, Pin Programmed
(fREF = 77.76 MHz, fOUT1 = 622.08 MHz)
Figure 6. Phase Noise, Pin Programmed
(fREF = 19.44 MHz, fOUT1 = 155.52 MHz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.27ps
0.54ps
5
–30
–25
–20
–15
–10
–5
0
10
1k
100
FREQUENCY OFFSET (Hz)
Figure 7. Phase Noise, Pin Programmed
(fREF = 8 kHz, fOUT1 = 155.52 MHz)
JITTER TRANSFER
FREQUENCY OFFSET (Hz)
2
1
0
–1
–2
–3
0
25
50
75
100 125 150
175
JITTER PEAKING
Figure 8. Jitter Transfer, Loop Bandwidth = 170 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com