Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 19Page - Analog Devices AD9553/PCBZ Datasheet HTML 20Page - Analog Devices AD9553/PCBZ Datasheet HTML 21Page - Analog Devices AD9553/PCBZ Datasheet HTML 22Page - Analog Devices AD9553/PCBZ Datasheet HTML 23Page - Analog Devices AD9553/PCBZ Datasheet HTML 24Page - Analog Devices AD9553/PCBZ Datasheet HTML 25Page - Analog Devices AD9553/PCBZ Datasheet HTML 26Page - Analog Devices AD9553/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AD9553
Rev. 0 | Page 23 of 44
Table 19. Output Mode Control Bits
Mode Control
Bits
Logic
Family
Pin Function of the Output
Driver
000
CMOS
Both pins active
001
CMOS
Positive pin active, negative
pin tristate
010
CMOS
Positive pin tristate, negative
pin active
011
CMOS
Both pins tristate
100
LVDS
Both pins active
101
LVPECL
Both pins active
110
Unused
Unused
111
Unused
Unused
Note that the pin decoder for the OM[2:0] pins generates two
sets of mode control bits: one set for the OUT1 driver and
another set for the OUT2 driver. The relationship between the
logic levels applied to the OM[2:0] pins and the resulting mode
control bits appears in Table 20.
Table 20. OM[2:0] Pin Decoder
Pins OM[2:0]
Mode Control Bits
OUT1
OUT2
000
101
101
001
101
100
010
100
101
011
101
001
100
100
100
101
100
001
110
001
100
111
001
001
This decoding scheme allows the OM[2:0] pins to establish a
matrix of logic family selections for the OUT1 and OUT2 drivers
as shown in Table 21. Note that when the OM[2:0] pins select the
CMOS logic family, only the positive pin active, negative pin tristate
output driver pin function option is available.
Table 21. Logic Family Assignment via the OM[2:0] Pins
Pins OM[2:0]
Logic Family
OUT1
OUT2
000
LVPECL
LVPECL
001
LVPECL
LVDS
010
LVDS
LVPECL
011
LVPECL
CMOS
100
LVDS
LVDS
101
LVDS
CMOS
110
CMOS
LVDS
111
CMOS
CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com