Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 8Page - Analog Devices AD9553/PCBZ Datasheet HTML 9Page - Analog Devices AD9553/PCBZ Datasheet HTML 10Page - Analog Devices AD9553/PCBZ Datasheet HTML 11Page - Analog Devices AD9553/PCBZ Datasheet HTML 12Page - Analog Devices AD9553/PCBZ Datasheet HTML 13Page - Analog Devices AD9553/PCBZ Datasheet HTML 14Page - Analog Devices AD9553/PCBZ Datasheet HTML 15Page - Analog Devices AD9553/PCBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD9553
Rev. 0 | Page 12 of 44
5
–25
–35
–30
–20
–15
–10
–5
0
–45
–40
10
1k
100
FREQUENCY OFFSET (kHz)
JITTER TRANSFER
FREQUENCY OFFSET (kHz)
1
0
–1
–2
–3
10
20
30
40
50
60
70
80
JITTER PEAKING
Figure 9. Jitter Transfer, Loop Bandwidth = 75 kHz
35
5
10
15
20
25
30
0
0900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
LVPECL
LVDS WEAK
LVDS STRONG
5
10
15
20
25
30
0
0600
500
400
300
200
100
FREQUENCY (MHz)
0
0.5
1.0
1.5
2.0
2.5
4.0
3.0
3.5
0600
500
400
300
200
100
FREQUENCY (MHz)
10pF
20pF
5pF
0
200
400
600
800
1000
1800
1600
1200
1400
Figure 10. Supply Current vs. Output Frequency,
LVPECL and LVDS (10 pF Load)
10pF
20pF
5pF
Figure 11. Supply Current vs. Output Frequency,
CMOS (10 pF Load)
Figure 12. Peak-to-Peak Output Voltage vs. Frequency,
CMOS
0900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
LVPECL
LVDS STRONG
LVDS WEAK
42
51
50
49
48
47
46
45
44
43
0600
500
400
300
200
100
Figure 13. Peak-to-Peak Output Voltage vs. Frequency,
LVPECL and LVDS (100 Ω Load)
10pF
20pF
5pF
FREQUENCY (MHz)
Figure 14. Duty Cycle vs. Output Frequency, CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com