Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9553/PCBZ Datasheet HTML 1Page - Analog Devices AD9553/PCBZ Datasheet HTML 2Page - Analog Devices AD9553/PCBZ Datasheet HTML 3Page - Analog Devices AD9553/PCBZ Datasheet HTML 4Page - Analog Devices AD9553/PCBZ Datasheet HTML 5Page - Analog Devices AD9553/PCBZ Datasheet HTML 6Page - Analog Devices AD9553/PCBZ Datasheet HTML 7Page - Analog Devices AD9553/PCBZ Datasheet HTML 8Page - Analog Devices AD9553/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Flexible Clock Translator for GPON, Base
Station, SONET/SDH, T1/E1, and Ethernet
AD9553
Rev. 0
Information furnished by Analog Devices is believ
responsibilityis assumedbyAnalogDevicesforitsuse
rightsofthirdpartiesthatmayresultfromitsuse.Spe
license is granted by implication or otherwise unde
Trademarksandregisteredtrademarksaretheproper
06, Norwood, MA 02062-9106, U.S.A.
www.analog.com
nalog Devices, Inc. All rights reserved.
ed to be accurate and reliable. However, no
,norforanyinfringementsof patentsorother
cificationssubjecttochangewithoutnotice.No
r any patent or patent rights of Analog Devices.
tyoftheirrespectiveowners.
One Technology Way, P.O. Box 91
Tel: 781.329.4700
Fax: 781.461.3113
©2010 A
FEATURES
Input frequencies from 8 kHz to 710 MHz
Output frequencies up to 810 MHz
Preset pin-programmable frequency translation ratios cover
popular wireline and wireless frequency applications,
including xDSL, T1/E1, BITS, SONET, and Ethernet.
Arbitrary frequency translation ratios via SPI port
On-chip VCO
Accepts a crystal resonator for holdover applications
Two single-ended (or one differential) reference input(s)
Two output clocks (independently programmable as LVDS,
LVPECL, or CMOS)
SPI-compatible, 3-wire programming interface
Single supply (3.3 V)
Very low power: <450 mW (under most conditions)
Small package size (5 mm × 5 mm)
Exceeds Telcordia GR-253 Category II OC-48 jitter
generation, transfer, and tolerance specifications
APPLICATIONS
Cost effective replacement of high frequency VCXO, OCXO,
and SAW resonators
Extremely flexible frequency translation for SONET/SDH,
Gb Ethernet, Fibre Channel, DRFI/DOCSIS, and
PON/EPON/GPON
Wireless infrastructure
Test and measurement (including handheld devices)
GENERAL DESCRIPTION
The AD9553 is a phase-locked loop (PLL) based clock translator
designed to address the needs of passive optical networks (PON)
and base stations. The device employs an integer-N PLL to
accommodate the applicable frequency translation requirements.
The user supplies up to two single-ended input reference signals
or one differential input reference signal via the REFA and REFB
inputs. The device supports holdover applications by allowing the
user to connect a 25 MHz crystal resonator to the XTAL input.
The AD9553 is pin programmable, providing a matrix of
standard input/output frequency translations from a list of 15
possible input frequencies to a list of 51 possible output frequency
pairs (OUT1 and OUT2). The device also has a 3-wire SPI
interface, enabling the user to program custom input-to-output
frequency translations.
The AD9553 output is compatible with LVPECL, LVDS, or
single-ended CMOS logic levels, although the AD9553 is
implemented in a strictly CMOS process.
The AD9553 operates over the extended industrial temperature
range of −40°C to +85°C.
BASIC BLOCK DIAGRAM
PLL
OUTPUT
CIRCUITRY
INPUT
FREQUENCY
SOURCE
SELECTOR
REFA
REFB
XTAL
OUT2
OUT1
PIN-DEFINED AND SERIAL PROGRAMMING
AD9553
Figure 1.


Similar Part No. - AD9553/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9550 AD-AD9550 Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550/PCBZ AD-AD9550/PCBZ Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ AD-AD9550BCPZ Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ-REEL7 AD-AD9550BCPZ-REEL7 Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9551 AD-AD9551 Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
More results

Similar Description - AD9553/PCBZ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8001 EXAR-XRT8001 Datasheet
1Mb / 48P
WAN Clock for T1 and E1 Systems
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
logo
Zarlink Semiconductor I...
ZL30105 ZARLINK-ZL30105 Datasheet
691Kb / 50P
T1/E1/SDH Stratum 3 Redundant System Clock Synchonizer for AdvancedTCA and H.110
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
SONET/SDH Clock Multiplier PLL
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 111908
logo
M/A-COM Technology Solu...
28953-BRF-001-A MA-COM-28953-BRF-001-A Datasheet
336Kb / 2P
Flexible Framer, Programmable For T1/E1,
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com