Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 13Page - Analog Devices AD9553/PCBZ Datasheet HTML 14Page - Analog Devices AD9553/PCBZ Datasheet HTML 15Page - Analog Devices AD9553/PCBZ Datasheet HTML 16Page - Analog Devices AD9553/PCBZ Datasheet HTML 17Page - Analog Devices AD9553/PCBZ Datasheet HTML 18Page - Analog Devices AD9553/PCBZ Datasheet HTML 19Page - Analog Devices AD9553/PCBZ Datasheet HTML 20Page - Analog Devices AD9553/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AD9553
Rev. 0 | Page 17 of 44
DEVICE CONTROL MODES
The AD9553 provides two modes of control: pin control and
register control. Pin control, via the frequency selection pins
(A[3:0] and Y[5:0]) as described in the Preset Frequencies
section, is the simplest. Typically, pin control is for applications
requiring only a single set of operating parameters (assuming
that one of the options available via the frequency selection
pins provides the parameters that satisfy the application
requirements). Register control is typically for applications that
require the flexibility to program different operating parameters
from time to time, or for applications that require parameters
not available with any of the pin control options. The block
diagram (see Figure 19) shows how the SPI and pin control
modes interact.
The SPI/OM[2:0] label in Figure 19 refers to Pin 12, Pin 13 ,and
Pin 14 of the AD9553. Furthermore, the SPI mode signal is
Logic 1 when A[3:0] = 0000 and/or Y[5:0] = 000000; otherwise,
it is Logic 0.
A[3:0]
4
SPI/OM[2:0]
3
0
1
10
3
0
1
FUNCTION
ABC BITS
0
1
FUNCTION
XYZ BITS
ENABLE SPI CONTROL
OF OUTPUT MODE
ENABLE SPI CONTROL
OF OUTPUT ABC BITS
ENABLE SPI CONTROL
OF FUNCTIONING XYZ
OUTPUT
MODE
CONTROL
FUNCTION
BITS
REGISTER MAP
FUNCTION
MUXES
Y[5:0]
6
FREQUENCY
SELECTION
PINS DECODER
SPI MODE
3
3
SPI CONTROLLER
OUTPUT
MODE
CONTROL
DECODER
OUTPUT MODE
CONTROL
FUNCTION
FUNCTION
ABC
FUNCTION
XYZ
3
Figure 19. Control Mode Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com