Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 32Page - Analog Devices AD9553/PCBZ Datasheet HTML 33Page - Analog Devices AD9553/PCBZ Datasheet HTML 34Page - Analog Devices AD9553/PCBZ Datasheet HTML 35Page - Analog Devices AD9553/PCBZ Datasheet HTML 36Page - Analog Devices AD9553/PCBZ Datasheet HTML 37Page - Analog Devices AD9553/PCBZ Datasheet HTML 38Page - Analog Devices AD9553/PCBZ Datasheet HTML 39Page - Analog Devices AD9553/PCBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD9553
Rev. 0 | Page 36 of 44
PLL and Output Frequency Control (Register 0x11 to Register 0x19)
Table 31.
Address
Bit
Bit Name
Description
0x11
[7:0]
Unused
Unused.
0x12
[7:0]
Feedback divider (N)
Bits[19:12] of the 20-bit feedback divider (N).
0x13
[7:0]
Feedback divider (N)
Bits[11:4] of the 20-bit feedback divider (N).
0x14
[7:4]
Feedback divider (N)
Bits[3:0] of the 20-bit feedback divider (N). Default is N = 0x80000 (524,288).
The feedback divider bits are ineffective unless Register 0x14[3] = 1.
3
Enable SPI control of
feedback divider
Enables SPI port control of the feedback divider value (N).
0 = The A[3:0] and Y[5:0] pins define N per Table 16 (default).
1 = The 20-bit value in the feedback divider register defines N.
2
Enable SPI control of
output dividers
Enables SPI port control of the output dividers P0, P1, and P2.
0 = The Y[5:0] pins define the output divider values per
Table 15 (default).
1 = The SPI port registers (0x15, 0x16, 0x18) define the output divider values.
1
Unused
Unused.
0
Reset PLL
Controls initialization of the PLL.
0 = normal operation (default).
1 = resets the counters and logic associated with the PLL but does not affect the output dividers.
0x15
[7:0]
P1 divider
Bits[9:2] of the 11-bit P1 divider.
0x16
[7:6]
P1 divider
Bits[1:0] of the 11-bit P1 divider (the default P1 divider register value is 128 decimal).
The P1 divider bits are ineffective unless Register 0x14[2] = 1.
[5:0]
P2 divider
Bits[9:4] of the 11-bit P2 divider.
0x17
[7:4]
P2 divider
Bits[3:0] of the 11-bit P2 divider.
The P2 divider bits are ineffective unless Register 0x14[2] = 1.
3
Enable test port
Enables use of the LOCKED pin as a test port.
0 = the LOCKED pin indicates PLL status (default).
1 = the LOCKED pin outputs a test signal per Register 0x17[2:1].
[2:1]
Test Mux
Test mux select bits.
00 = crystal oscillator output (XO).
01 = PFD pump up clock divided-by-2 (UP/2).
10 = PFD reference input clock divided-by-2 (FPFD/2).
11 = PFD feedback clock divided-by-2 (FDBK/2).
0
Unused
Unused.
0x18
7
Unused
When programming this register write a Logic 0 to this bit.
[6:5]
P0 divider
Sets the P0 divider to divide-by-5 or divide-by-6.
00 = invalid.
01 = divide-by-5.
10 = divide-by-6.
11 = invalid.
The P0 divider bits are ineffective unless Register 0x14[2] = 1.
[4:0]
Unused
Unused.
0x19
[7:0]
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com