Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 34Page - Analog Devices AD9553/PCBZ Datasheet HTML 35Page - Analog Devices AD9553/PCBZ Datasheet HTML 36Page - Analog Devices AD9553/PCBZ Datasheet HTML 37Page - Analog Devices AD9553/PCBZ Datasheet HTML 38Page - Analog Devices AD9553/PCBZ Datasheet HTML 39Page - Analog Devices AD9553/PCBZ Datasheet HTML 40Page - Analog Devices AD9553/PCBZ Datasheet HTML 41Page - Analog Devices AD9553/PCBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD9553
Rev. 0 | Page 38 of 44
REFB Frequency Control (Register 0x23 to Register 0x26)
Table 35.
Address
Bit
Bit Name
Description
0x23
[7:0]
REFB divider (RB)
Bits[13:6] of the 14-bit REFB divider.
0x24
[7:2]
REFB divider (RB)
Bits[5:0] of the 14-bit REFB divider (default: RB = 4096 decimal).
The REFB divider bits are ineffective unless Register 0x24[1] = 1.
1
Enable SPI control of RB
Enables SPI port control of the REFB divider value (RB).
0 = The A[3:0] pins define RB per Table 14 (default).
1 = The 14-bit value in the REFB divider register defines RB.
0
Unused
Unused.
0x25
7
Enable SPI control of x2B
Enables SPI control of the REFB 2x frequency multiplier (x2B) per Register 0x25[6].
0 = the device automatically selects x2B per Table 14 (default).
1 =Register 0x25[6] controls the selection of x2B.
6
Select x2B
Selects x2B.
0 = bypass x2B (default).
1 = select x2B.
This bit is ineffective unless Register 0x25[7] = 1.
5
Enable SPI control of /5B
Enables SPI control of the /5B prescaler per Register 0x25[4].
0 = the device automatically selects /5B per Table 14 (default).
1 = Register 0x25[4] controls the selection of /5B.
4
Select /5B
Selects /5B.
0 = bypass /5B (default).
1 = select /5B.
This bit is ineffective unless Register 0x25[5] = 1.
[3:0]
Unused
Unused.
0x26
[7:0]
Unused
Unused.
DCXO Frequency and Reference Switchover Control (Register 0x27 to Register 0x31)
Table 36.
Address
Bit
Bit Name
Description
0x27
[7:0]
XO divider (RXO)
Bits[13:6] of the 14-bit XO divider.
0x28
[7:2]
XO divider (RXO)
Bits[5:0] of the 14-bit XO divider (default: RXO = 2048 decimal).
The XO divider bits are ineffective unless Register 0x28[1] = 1.
1
Enable SPI control of RXO
Enables SPI port control of the XO divider value (RXO).
0 = The A[3:0] pins define RXO per Table 14 (default).
1 = The 14-bit value in the XO divider register defines RXO.
0
Unused
Unused.
0x29
[7:6]
Switchover mode
Selects the switchover operating mode.
00 = revertive switchover (default).
01 = nonrevertive switchover.
10 = selects REFA as the active reference.
11 = selects REFB as the active reference.
5
REFA diff
Enables the differential input reference function.
0 = normal single-ended operation of REFA and REFB (default).
1 = REFA configured as a differential reference in which the REFA pin functions as
one differential input and the REFB/REFA pin functions as the other differential input.
In this configuration, the REFB channel and switchover functionality are both
unavailable.
[4:0]
Unused
Unused.
0x2A to
0x31
[7:0]
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com