Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 31Page - Analog Devices AD9553/PCBZ Datasheet HTML 32Page - Analog Devices AD9553/PCBZ Datasheet HTML 33Page - Analog Devices AD9553/PCBZ Datasheet HTML 34Page - Analog Devices AD9553/PCBZ Datasheet HTML 35Page - Analog Devices AD9553/PCBZ Datasheet HTML 36Page - Analog Devices AD9553/PCBZ Datasheet HTML 37Page - Analog Devices AD9553/PCBZ Datasheet HTML 38Page - Analog Devices AD9553/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AD9553
Rev. 0 | Page 35 of 44
Address
Bit
Bit Name
Description
0x0C
[7:3]
Unused
Unused.
[2:0]
Charge Pump Clock Div
Enables the PFD clock dividers (used for test only via test mux).
000 = test clocks disabled, normal operation (default).
001 = divide feedback clock by 2.
010 = divide PFD reference input clock by 2.
011 = divide PFD reference input and feedback clocks by 2.
100 = divide pump-up clock by 2.
101 = divide pump-up and feedback clocks by 2.
110 = divide pump-up and PFD reference input clocks by 2.
111 = divide feedback, pump-up, and pump-down clocks by 2.
0x0D
[7:6]
Antibacklash control
Controls the PFD antibacklash period of the PLL. These bits are ineffective unless
Register 0x0B[6] = 1.
00 = minimum (default).
01 = low.
10 = high.
11 = maximum.
[5:1]
Unused
Unused.
0
PLL lock detector power-
down
Controls power-down of the PLL lock detector.
0 = lock detector active (default).
1 = lock detector powered down.
VCO Control (Register 0x0E to Register 0x10)
Table 30.
Address
Bit
Bit Name
Description
0x0E
7
Calibrate VCO
Initiates VCO calibration (this is an autoclearing bit).
This bit is ineffective unless Register 0x0E[2] = 1.
6
Enable ALC
Enables automatic level control (ALC) of the VCO.
0 = Register 0x0F[7:2] defines the VCO level.
1 = the device automatically controls the VCO level (default).
[5:3]
ALC threshold
Controls the VCO ALC threshold detector level from minimum (000) to maximum
(111). The default is 110.
2
Enable SPI control of VCO
calibration
Enables the functionality of Register 0x0E[7].
0 = the device automatically performs VCO calibration (default).
1 = VCO calibration controlled by Register 0x0E[7].
1
Boost VCO supply
Selects VCO supply voltage.
0 = normal supply voltage (default).
1 = increase supply voltage by 100 mV.
0
Enable SPI control of VCO band
setting
Controls VCO band setting functionality.
0 = the device automatically selects the VCO band (default).
1 = VCO band defined by Register 0x10[7:1].
0x0F
[7:2]
VCO level control
Controls the VCO amplitude from minimum (00 0000) to maximum (11 1111). The
default is 10 0000.
These bits are ineffective unless Register 0x0E[6] = 0.
[1:0]
Unused
Unused.
0x10
[7:1]
VCO band control
Controls the VCO frequency band from minimum (000 0000) to maximum (111 1111).
The default is 100 0000.
These bits are ineffective unless Register 0x0E[0] = 1.
0
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com