Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 15Page - Analog Devices AD9553/PCBZ Datasheet HTML 16Page - Analog Devices AD9553/PCBZ Datasheet HTML 17Page - Analog Devices AD9553/PCBZ Datasheet HTML 18Page - Analog Devices AD9553/PCBZ Datasheet HTML 19Page - Analog Devices AD9553/PCBZ Datasheet HTML 20Page - Analog Devices AD9553/PCBZ Datasheet HTML 21Page - Analog Devices AD9553/PCBZ Datasheet HTML 22Page - Analog Devices AD9553/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD9553
Rev. 0 | Page 19 of 44
THEORY OF OPERATION
A[3:0]
REGISTER BANK
OUTPUT MODE/
SERIAL PORT
PRECONFIGURED
DIVIDER SETTINGS
REFA
XTAL
Y[5:0]
4
6
3
XTAL
VCO
AD9553
OUT1
3350MHz
TO
4050MHz
LOCKED
FILTER
2
N
P
F
D
OUT2
2
20
3
10
10
P0
P1
P2
P2
P0
P1
DN
UP
3
3
SPI CTRL
3
×2
FDBK
REFERENCE
SWITCHOVER
CONTROL
CLOCK
MUX
CLOCK MUX
HOLD
HOLD
REF
SEL
DET
A
DET
B
DET
XO
SEL REFB
DCXO
CTRL
TEST
10
0
1
0
1
0
1
RA, ×2A, ÷5A
RB, ×2B, ÷5B
RXO, DCXO CTRL
N, P0, P1, P2
REF SEL
TEST
REF DIFF
REF
DIFF
÷5
0
1
÷5A
÷5
0
1
÷5B
REFB/REFA
XO
FPFD
PLL
14
DET
DET A
0
1
÷RA
÷N
×2A
RA
×2
14
DET
DET B
0
1
÷RB
×2B
RB
×2
14
DET
DET XO
÷RXO
RXO
TUNING
CONTROL
UP/2
FPFD/2
FDBK/2
XO
LOCK
DETECT
OUTPUT
MODE
CONTROL
5 OR 6
LOOP
FILTER
CHARGE
PUMP
Figure 20. Detailed Block Diagram
GENERAL DESCRIPTION
The AD9553 can receive up to two input reference clocks, REFA
and REFB. Both input clock paths include an optional divide-
by-5 (/5) prescaler, an optional 2× frequency multiplier, and
a 14-bit programmable divider. Alternatively, the user can
program the device to operate with one differential input clock
(instead of two single-ended input clocks) via the serial I/O
port. In the differential operating mode, the REFB path is
inactive.
The AD9553 also has a dedicated XTAL input for direct
connection of an optional 25 MHz crystal resonator. This allows
for a backup clock signal useful for holdover operation in case
both input references fail. The XTAL clock path includes a fixed
2× frequency multiplier and a 14-bit programmable divider.
The AD9553 includes a switchover control block that auto-
matically handles switching from REFA to REFB (or vice versa)
in the event of a reference failure. If both REFA and REFB fail,
however, then the switchover control block automatically enters
holdover mode by selecting the XTAL clock signal (assuming
the presence of a crystal resonator at the XTAL input).
Generally, the clock signals that appear at the input to the clock
multiplexer (see Figure 20) all operate at the same frequency.
Thus, the frequency at the input to the PLL (FPFD in Figure 20)
is the same regardless of the signal selected by the clock
multiplexer. The PLL converts FPFD to a frequency within the
operating range of the VCO (3.35 GHz to 4.05 GHz) based on
the value of the feedback divider (N). The VCO prescaler (P0)
reduces the VCO output frequency by a factor of either 5 or 6,
resulting in an intermediate frequency in the range of 558 MHz
to 810 MHz. The 10-bit P1 and P2 dividers can further reduce
the P0 output frequency to yield the final output clock frequen-
cies at OUT1 and OUT2, respectively.
Thus, the frequency translation ratio from the reference input
to the output depends on the selection of the /5 prescalers; the
2× frequency multipliers; the values of the three R dividers; the
N divider; and the P0, P1, and P2 dividers. The user can set all
of these parameters automatically by using the preconfigured
divider settings available via the A[3:0] and Y[5:0] pins (see the
Preset Frequencies section). Alternatively, the user can custom
program these parameters via the serial I/O port (see the Serial
Control Port and Register Map sections), allowing the device to
accommodate custom frequency translation ratios.
DESCRIPTION OF FUNCTIONAL BLOCKS
Reference Inputs
The default configuration of the AD9553 provides up to two
single-ended input clock receivers, REFA and REFB, which are
high impedance CMOS inputs. In applications that require
redundant reference clocks with switchover capability, REFA
is the primary reference and REFB the secondary reference.
Alternatively, the user can configure the input (via the serial I/O
port) as a single differential receiver. In this case, the REFB
input functions as REFA (the complementary input of REFA).
Note that in this configuration the device operates with only
one reference input clock, eliminating the need for switchover
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com