Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 3Page - Analog Devices AD9553/PCBZ Datasheet HTML 4Page - Analog Devices AD9553/PCBZ Datasheet HTML 5Page - Analog Devices AD9553/PCBZ Datasheet HTML 6Page - Analog Devices AD9553/PCBZ Datasheet HTML 7Page - Analog Devices AD9553/PCBZ Datasheet HTML 8Page - Analog Devices AD9553/PCBZ Datasheet HTML 9Page - Analog Devices AD9553/PCBZ Datasheet HTML 10Page - Analog Devices AD9553/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9553
Rev. 0 | Page 7 of 44
JITTER CHARACTERISTICS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
12 kHz to 20 MHz
LVPECL Output
1.31
ps rms
Input = 122.88 MHz, output = 155.52 MHz.
LVDS Output
1.32
ps rms
Input = 122.88 MHz, output = 155.52 MHz.
CMOS Output
1.24
ps rms
Input = 122.88 MHz, output = 155.52 MHz.
LVPECL Output
1.28
ps rms
Input = 19.44 MHz, output = 245.76 MHz.
LVDS Output
1.29
ps rms
Input = 19.44 MHz, output = 245.76 MHz.
CMOS Output
1.26
ps rms
Input = 19.44 MHz, output = 245.76 MHz. See Figure 12 regarding
CMOS toggle rates above 250 MHz.
50 kHz to 80 MHz
Input = 122.88 MHz, output = 155.52 MHz.
LVPECL Output
0.44
ps rms
Input = 122.88 MHz, output = 155.52 MHz.
LVDS Output
0.45
ps rms
Input = 122.88 MHz, output = 155.52 MHz.
CMOS Output
0.39
ps rms
Input = 122.88 MHz, output = 155.52 MHz.
LVPECL Output
0.75
ps rms
Input = 19.44 MHz, output = 245.76 MHz.
LVDS Output
0.76
ps rms
Input = 19.44 MHz, output = 245.76 MHz.
CMOS Output
0.44
ps rms
Input = 19.44 MHz, output = 245.76 MHz. See Figure 12 regarding
CMOS toggle rates above 250 MHz.
JITTER TRANSFER BANDWIDTH
See the Typical Performance Characteristics section.
Low BW Setting
170
Hz
Applies to all input frequency pin programming configurations that
use 170 Hz loop bandwidth per Table 17.
High BW Setting
75
kHz
Applies to all input frequency pin programming configurations that
use 75 kHz loop bandwidth per Table 17.
JITTER TRANSFER PEAKING
See the Typical Performance Characteristics section
Low BW Setting
1.3
dB
Applies to all input frequency pin programming configurations that
use 170 Hz loop bandwidth per Table 17.
High BW Setting
0.08
dB
Applies to all input frequency pin programming configurations that
use 75 kHz loop bandwidth per Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com