Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 33Page - Analog Devices AD9553/PCBZ Datasheet HTML 34Page - Analog Devices AD9553/PCBZ Datasheet HTML 35Page - Analog Devices AD9553/PCBZ Datasheet HTML 36Page - Analog Devices AD9553/PCBZ Datasheet HTML 37Page - Analog Devices AD9553/PCBZ Datasheet HTML 38Page - Analog Devices AD9553/PCBZ Datasheet HTML 39Page - Analog Devices AD9553/PCBZ Datasheet HTML 40Page - Analog Devices AD9553/PCBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
AD9553
Rev. 0 | Page 37 of 44
Input Receiver and Band Gap Control (Register 0x1A)
Table 32.
Address
Bit
Bit Name
Description
0x1A
7
Receiver reset
Input receiver reset control. This is an autoclearing bit.
0 = normal operation (default).
1 = resets the reference input hardware (detectors, dividers, switchover control,
crystal oscillator and its associated frequency doubler).
[6:2]
Band gap voltage adjust
Controls the band gap voltage setting from minimum (00000) to maximum (11111).
Default is 00000.
The band gap voltage adjust bits are ineffective unless Register 0x1A[0] = 1.
1
Unused
Unused.
0
Enable SPI control of band
gap voltage
Enables functionality of Register 0x1A[6:2].
0 = the device automatically selects receiver band gap voltage (default).
1 = Register 0x1A[6:2] defines the receiver band gap voltage.
XTAL Control (Register 0x1B to Register 0x1E)
Table 33.
Address
Bit
Bit Name
Description
0x1B
7
Disable SPI control of XTAL
tuning capacitance
Disables functionality of Register 0x1B[5:0].
0 = tuning capacitance defined by Register 0x1B[5:0].
1 = the device automatically selects XTAL tuning capacitance (default).
6
Unused
When programming this register write a Logic 0 to this bit.
[5:0]
XTAL tuning capacitor control
Capacitance value coded as inverted binary (0.25 pF per bit); that is, 111111 is 0 pF,
111110 is 0.25 pF, and so on. The default value, 000000, is 15.75 pF.
The XTAL tuning capacitor bits are ineffective unless Register 0x1B[7] = 0.
0x1C
[7:0]
Unused
Unused.
0x1D
[7:0]
Unused
Unused.
0x1E
[7:0]
Unused
Unused.
REFA Frequency Control (Register 0x1F to Register 0x22)
Table 34.
Address
Bit
Bit Name
Description
0x1F
[7:0]
REFA divider (RA)
Bits[13:6] of the 14-bit REFA divider.
0x20
[7:2]
REFA divider (RA)
Bits[5:0] of the 14-bit REFA divider (default: RA = 2048 decimal).
The REFA divider bits are ineffective unless Register 0x20[1] = 1.
1
Enable SPI control of RA
Enables SPI port control of the REFA divider value (RA).
0 = The A[3:0] pins define RA per Table 14 (default).
1 = The 14-bit value in the REFA divider register defines RA.
0
Unused
Unused.
0x21
7
Enable SPI control of x2A
Enables SPI control of the REFA 2x frequency multiplier (x2A) per 0x21[6].
0 = the device automatically selects x2A per Table 14 (default).
1 = Register 0x21[6] controls the selection of x2A.
6
Select x2A
Selects x2A.
0 = bypass x2A (default).
1 = select x2A.
This bit is ineffective unless Register 0x21[7] = 1.
5
Enable SPI control of /5A
Enables SPI control of the /5A prescaler per 0x21[4].
0 = the device automatically selects /5A per Table 14 (default).
1 = Register 0x21[4] controls the selection of /5A.
4
Select /5A
Selects /5A.
0 = bypass /5A (default).
1 = select /5A.
This bit is ineffective unless Register 0x21[5] = 1.
[3:0]
Unused
Unused.
0x22
[7:0]
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com