Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 144 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 144 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 140Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 141Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 142Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 143Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 144Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 145Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 146Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 147Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 148Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 240 page
background image
EM351 / EM357
9.3.13.3
Slave Mode: Trigger Mode
In trigger mode the counter starts in response to an event on a selected input.
In the following example, the up-counter starts in response to a rising edge on the TI2 input:
Configure channel 2 to detect rising edges on TI2:
Configure the input filter duration. In this example, no filter is required so TIM_IC2F = 0000.
The capture prescaler is not used for triggering, so it is not configured.
The TIM_CC2S bits select the input capture source only, TIM_CC2S = 01 in the TIMx_CCMR1 register.
Write TIM_CC2P = 0 in the TIMx_CCER register to validate the polarity and detect high level only.
Configure the timer in trigger mode: Write TIM_SMS = 110 in the TIMx_SMCR register.
Select TI2 as the input source by writing TIM_TS = 110 in the TIMx_SMCR register.
When a rising edge occurs on TI2, the counter starts counting on the internal clock and the INT_TIMTIF flag is
set. The delay between the rising edge on TI2 and the actual start of the counter is due to the
resynchronization circuit on the TI2 input.
Figure 9-29 illustrates the example in which the counter is started by a rising edge on TI2.
Figure 9-29. Control Circuit in Trigger Mode
9.3.13.4
Slave Mode: External Clock Mode 2 +Trigger Mode
External clock mode 2 can be used in combination with another slave mode (except external clock mode 1 and
encoder mode). In this case, the ETR signal is used as external clock input, and another input can be selected
as trigger input when operating in reset mode, gated mode or trigger mode. It is not recommended to select
ETR as TRGI through the TIM_TS bits of TIMx_SMCR register.
In the following example, shown in Figure 9-30, the up-counter is incremented at each rising edge of the ETR
signal as soon as a rising edge of TI1 occurs:
Configure the external trigger input circuit: Program the TIMx_SMCR register as follows:
TIM_ETF = 0000: no filter.
TIM_ETPS = 00: prescaler disabled.
TIM_ETP = 0: detection of rising edges on ETR and TIM_ECE = 1 to enable the external clock
mode 2.
Configure the channel 1 to detect rising edges on TI, as follows:
TIM_IC1F = 0000: no filter.
The capture prescaler is not used for triggering and does not need to be configured.
TIM_CC1S = 01 in the TIMx_CCMR1 register to select only the input capture source.
TIM_CC1P = 0 in the TIMx_CCER register to validate the polarity (and detect rising edge only).
Configure the timer in trigger mode: WriteTIM_SMS = 110 in the TIMx_SMCR register.
Select TI1 as the input source by writing TIM_TS = 101 in the TIMx_SMCR register.
9-24
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com