Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 147 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 147 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 143Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 144Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 145Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 146Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 147Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 148Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 149Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 150Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 151Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 240 page
background image
EM351 / EM357
Figure 9-33. Gating Timer 2 with Enable of Timer 1
9.3.14.3
Using One Timer to Start the Other Timer
In this example (see Figure 9-34), the enable of Timer 2 is set with the UEV of Timer 1. Timer 2 starts counting
from its current value (which can be non-zero) on the divided internal clock as soon as Timer 1 generates the
UEV.
When Timer 2 receives the trigger signal its TIM_CEN bit is automatically set and the counter counts until 0 is
written to the TIM_CEN bit in the TIM2_CR1 register. Both counter clock frequencies are divided by 3 by the
prescaler compared to CK_INT (fCK_CNT = fCK_INT/3).
Configure Timer 1 in master mode to send its UEV as trigger output: WriteTIM_MMS = 010 in the TIM1_CR2
register.
Configure the Timer 1 period (TIM1_ARR register).
Configure Timer 2 to get the input trigger from Timer 1: Write TIM_TS = 000 in the TIM2_SMCR register.
Configure Timer 2 in trigger mode. Write TIM_SMS = 110 in the TIM2_SMCR register.
Start Timer 1: Write 1 in the TIM_CEN bit in theTIM1_CR1 register.
Figure 9-34. Triggering Timer 2 with Update of Timer 1
As in the previous example, both counters can be initialized before starting counting. Figure 9-35 shows the
behavior with the same configuration shown in Figure 9-34, but in trigger mode instead of gated mode
(TIM_SMS = 110 in the TIM2_SMCR register).
9-27
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com