Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 149 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 149 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 145Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 146Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 147Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 148Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 149Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 150Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 151Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 152Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 153Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 240 page
background image
EM351 / EM357
Figure 9-36. Triggering Timer 1 and 2 with Timer 1 TI1 Input
9.3.15 Timer Signal Descriptions
Table 9-4. Timer Signal Descriptions
Signal
Internal/
External
Description
CK_INT
Internal
Internal clock source: connects to EM35x peripheral clock (PCLK) in internal clock mode.
CK_PSC
Internal
Input to the clock prescaler.
ETR
Internal
External trigger input (used in external timer mode 2): a clock selected by
TIM_EXTRIGSEL in TIMx_OR.
ETRF
Internal
External trigger: ETRP after filtering.
ETRP
Internal
External trigger: ETR after polarity selection, edge detection and prescaling.
ICy
External Input capture or clock: TIy after filtering and edge detection.
ICyPS
Internal
Input capture signal after filtering, edge detection and prescaling: input to the capture
register.
ITR0
Internal
Internal trigger input: connected to the other timer’s output, TRGO.
OCy
External Output compare: TIMxCy when used as an output. Same as OCyREF but includes possible
polarity inversion.
OCyREF
Internal
Output compare reference: always active high, but may be inverted to produce OCy.
PCLK
External Peripheral clock connects to CK_INT and used to clock input filtering. Its frequency is
12 MHz if using the 24 MHz crystal oscillator and 6 MHz if using the 12 MHz RC oscillator.
TIy
Internal
Timer input: TIMxCy when used as a timer input.
TIyFPy
Internal
Timer input after filtering and polarity selection.
TIMxCy
Internal
Timer channel at a GPIO pin: can be a capture input (ICy) or a compare output (OCy).
TIMxCLK External Clock input (if selected) to the external trigger signal (ETR).
TIMxMSK External Clock mask (if enabled) AND’ed with the other timer’s TIMxCLK signal.
TRGI
Internal
Trigger input for slave mode controller.
9-29
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com