Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 180 page
background image
Pulse Width Modulator
Application Examples
General Release Specification
Pulse Width Modulator
10.9.2 Brushless DC Motor Interface
A typical interface for a three-phase brushless DC motor is shown in
Figure 10-18, although many other configurations are possible. The
rotor sensor usually consists of a Hall effect sensor, optical encoder, or
back-EMF detector. The coil current feedback is shown to be linear in
this example, using the on-chip A/D to provide torque data to the MCU.
Other systems may only require a current limit, which could be achieved
with an interrupt pin (which will offer some hysteresis) and an external
amplifier. With some reorganization of the I/O, it is also possible to
configure the device to drive two brushless motors simultaneously.
However, this will double the load on the processor. Depending upon the
complexity of the control algorithms adopted, and considering that the
commutation must be performed with software, care must be taken to
maintain commutation delays to within acceptable limits. The
commutation would follow the sequence shown in Table 10-5.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com