Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 180 page
background image
Serial Communications Interface
MC68HC705MC4 — Rev. 2.0
Serial Communications Interface
11.2 Introduction
The serial communications interface (SCI) module allows high-speed
asynchronous communication with peripheral devices and other MCUs.
11.3 Features
Features of the SCI module include:
•
Standard Mark/Space Nonreturn-to-Zero Format
•
Full Duplex Operation
•
32 Programmable Baud Rates
•
Programmable 8-Bit or 9-Bit Character Length
•
Separately Enabled Transmitter and Receiver
•
Two Receiver Wakeup Methods:
–
Idle Line Wakeup
–
Address Mark Wakeup
•
Interrupt-Driven Operation Capability with Five Interrupt Flags:
–
Transmitter Data Register Empty
–
Transmission Complete
–
Receiver Data Register Full
–
Receiver Overrun
–
Idle Receiver Input
•
Receiver Framing Error Detection
•
1/16 Bit-Time Noise Detection
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com