Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 180 page
background image
Serial Communications Interface
SCI Operation
General Release Specification
Serial Communications Interface
Writing a logic 1 to the TE bit in SCI control register 2 (SCCR2), and then
writing data to the SCDR, begins the transmission. At the start of a
transmission, transmitter control logic automatically loads the transmit
shift register with a preamble of logic 1s. After the preamble shifts out,
the control logic transfers the SCDR data into the shift register. A logic 0
start bit automatically goes into the least significant bit position of the
shift register, and a logic 1 stop bit goes into the most significant bit
position.
When the data in the SCDR transfers to the transmit shift register, the
transmit data register empty (TDRE) flag in the SCI status register
(SCSR) becomes set. The TDRE flag indicates that the SCDR can
accept new data from the internal data bus.
When the shift register is not transmitting a character, the PB4/TDO
(transmit data out) pin goes to the idle condition, logic 1. If software
clears the TE bit during the idle condition and while TDRE is set, the
transmitter relinquishes control of the PB4/TDO pin (acting as a
three-stated input port pin).
11.5.1.3 Break Characters
Writing a logic 1 to the SBK bit in SCCR2 loads the shift register with a
break character. A break character contains all logic 0s and has no start
and stop bits. Break character length depends on the M bit in SCCR1.
As long as SBK is at logic 1, transmitter logic continuously loads break
characters into the shift register. After software clears the SBK bit, the
shift register finishes transmitting the last break character and then
transmits at least one logic 1. The automatic logic 1 at the end of a break
character is to guarantee the recognition of the start bit of the next
character.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com