Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 180 page
background image
Serial Communications Interface
MC68HC705MC4 — Rev. 2.0
Serial Communications Interface
11.5.1.4 Idle Characters
An idle character contains all logic 1s and has no start or stop bits. Idle
character length depends on the M bit in SCCR1. The preamble is a
synchronizing idle character that begins every transmission.
Clearing the TE bit during a transmission relinquishes the PB4/TDO pin
after the last character to be transmitted is shifted out. The last character
may already be in the shift register, or waiting in the SCDR, or a break
character generated by writing to the SBK bit. Toggling TE from logic 0
to logic 1 while the last character is in transmission generates an idle
character (a preamble) that allows the receiver to maintain control of the
PB4/TDO pin.
11.5.1.5 Transmitter Interrupts
All SCI interrupt sources share the same interrupt vector at address
$0FF2. The following sources can generate SCI transmitter interrupt
requests:
•
Transmit Data Register Empty (TDRE) — The TDRE bit in the
SCSR indicates that the SCDR has transferred a character to the
transmit shift register. TDRE is a source of SCI interrupt requests.
The transmission interrupt enable bit (TIE) in SCCR2 is the local
mask for TDRE interrupts.
•
Transmission Complete (TC) — The TC bit in the SCSR indicates
that both the transmit shift register and the SCDR are empty and
that no break or idle character has been generated. TC is a source
of SCI interrupt requests. The transmission complete interrupt
enable bit (TCIE) in SCCR2 is the local mask for TC interrupts.
11.5.2 Receiver
Figure 11-3 shows the structure of the SCI receiver.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com