Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 180 page
background image
Serial Communications Interface
MC68HC705MC4 — Rev. 2.0
Serial Communications Interface
11.6 SCI I/O Registers
The following I/O registers control and monitor SCI operation:
•
SCI Data Register (SCDR)
•
SCI Control Register 1 (SCCR1)
•
SCI Control Register 2 (SCCR2)
•
SCI Status Register (SCSR)
11.6.1 SCI Data Register
The SCI data register is the buffer for characters received and for
characters transmitted.
Address:
$000E
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 11-4. SCI Data Register (SCDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com