Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 142Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 143Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 180 page
background image
Core Timer
Ctimer Control and Status Register
General Release Specification
Core Timer
12.3 Ctimer Control and Status Register
The CTCSR contains the timer interrupt flag, the timer interrupt enable
bits, and the real-time interrupt rate select bits. Figure 12-2 shows the
value of each bit in the CTCSR when coming out of reset.
CTOF — Core Timer Overflow Flag
CTOF is a clearable, read-only status bit and is set when the 8-bit
ripple counter rolls over from $FF to $00. A CPU interrupt request will
be generated if CTOIE is set. Clearing the CTOF is done by writing a
0 to it. Writing a 1 to CTOF has no effect on the bit’s value. Reset
clears CTOF.
RTIF — Real-Time Interrupt Flag
The real-time interrupt circuit consists of a four stage divider and a
1-of-4 selector. The clock frequency that drives the RTI circuit is E/213
(or E/8192) with four additional divider stages giving a maximum
interrupt period of four seconds at a crystal frequency of 32.768 kHz.
RTIF is a clearable, read-only status bit and is set when the output of
the chosen (1-of-4 selection) stage goes active. A CPU interrupt
request will be generated if RTIE is set. Clearing the RTIF is done by
writing a 0 to it. Writing a 1 to RTIF has no effect on this bit. Reset
clears RTIF.
CTOIE — Core Timer Overflow Interrupt Enable
When this bit is set, a CPU interrupt request is generated when the
CTOF bit is set. Reset clears this bit.
Address:
$0008
Bit 7
654321
Bit 0
Read:
CTOF
RTIF
CTOIE
RTIE
00
RT1
RT0
Write:
Reset:
00000011
= Unimplemented
Figure 12-2. Core Timer Control and Status Register (CTCSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com