Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 142Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 143Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 145Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 180 page
background image
Core Timer
MC68HC705MC4 — Rev. 2.0
Core Timer
RTIE — Real-Time Interrupt Enable
When this bit is set, a CPU interrupt request is generated when the
RTIF bit is set. Reset clears this bit.
RT1:RT0 — Real-Time Interrupt Rate Select
These two bits select 1-of-4 taps from the real-time interrupt circuit.
Table 12-1 shows the available interrupt rates with several f
OP values.
Reset sets these RT0 and RT1, selecting the lowest periodic rate and
therefore the maximum time in which to alter these bits if necessary.
Care should be taken when altering RT0 and RT1 if the time-out
period is imminent or uncertain. If the selected tap is modified during
a cycle in which the counter is switching, an RTIF could be missed or
an additional one could be generated. To avoid problems, the COP
should be cleared before changing RTI taps.
Table 12-1. RTI Rates
RT1:RT0
RTI Rates at Bus Frequency of:
16.384 kHz
3.0 MHz
Divide Ratio
00
1 sec
5.5 ms
214
01
2 sec
10.9 ms
215
10
3 sec
21.8 ms
216
11
8 sec
43.75 ms
217
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com