Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 167Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 168Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 169Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 170Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 171Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 172Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 173Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 174Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 180 page
background image
Electrical Specifications
A/D Converter Characteristics
General Release Specification
Electrical Specifications
14.7 A/D Converter Characteristics
Table 14-5. A/D Converter Characteristics(1)
Characteristic
Min
Max
Unit
Notes
Resolution
8
8
Bits
Absolute Accuracy
(VDD ≥ VREFH > 4.0)
—
± 1 1/2
LSB
Includes Quantization
Conversion Range
VREFH
VSS
VSS
VREFH
VDD
V
A/D accuracy may
decrease proportionately
as VREFH is reduced
below 4.0.
Input Leakage
AD0–AD5
VREFH
—
—
± 1
± 1
µA
Conversion Time
(Includes Sampling Time)
32
32
tAD
(see Note 2)
Monotonicity
Inherent (Within Total Error)
Zero Input Reading
00
01
Hex
VIN = 0 V
Full-Scale Reading
FE
FF
Hex
VIN = VREFH
Sample Time
12
12
tAD
(see Note 2)
Input Capacitance
—
12
pF
Analog Input Voltage
VSS
VREFH
V
NOTES:
1.
VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 to 125°C, unless otherwise noted.
2.
tAD = tcyc if clock source equals MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com