Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 168 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 168 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 165Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 166Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 167Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 168Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 169Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 170Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 171Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 172Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 180 page
background image
Electrical Specifications
MC68HC705MC4 — Rev. 2.0
Electrical Specifications
Figure 14-3. Typical High-Side Driver Characteristics
for High Source Port Pins, PA0–PA7
Figure 14-4. Typical High-Side Driver Characteristics
for Standard Port Pins: PB4–PB7, PC0–PC7, PD6
1.6
1.2
0.8
0.4
0
0
–5.0
–10.0
–15.0
–20.0
1.4
1.0
0.6
0.2
IOH (mA)
SEE NOTE 2
0.90 V
–12.0 mA
NOTES:
1.
Shaded area indicates variation in driver characteristics due to changes in temperature (–40
°C < T < 125 °C)
and for normal processing tolerances. Within the limited range of values shown, V vs I curves are
approximately straight lines.
2.
At VDD = 5.0 V ± 10%, devices are tested for VDD – VOH ≤ 2.0 V @ IOH = –10.0 mA.
2.0
1.8
0.80
0.60
0.40
0.20
0
0
1.0
2.0
3.0
4.0
5.0
0.70
0.50
0.30
0.10
IOH (mA)
SEE NOTE 2
NOTES:
1.
Shaded area indicates variation in driver characteristics due to changes in temperature (–40
°C < T < 125 °C)
and for normal processing tolerances. Within the limited range of values shown, V vs I curves are
approximately straight lines.
2.
At VDD = 5.0 V ± 10%, devices are tested for VDD – VOH ≤ 0.8 V @ IOH = 0.80 mA.
1.40 mA
0.20 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com