Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 165Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 166Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 167Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 168Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 180 page
background image
Electrical Specifications
Functional Operating Range
General Release Specification
Electrical Specifications
14.4 Functional Operating Range
14.5 Thermal Characteristics
Table 14-2. Operating Range
Characteristic
Symbol
Value
Unit
Operating Temperature Range
MC68HC705MC4P, DW, S (Standard)
MC68HC705MC4CP, CDW, CS (Extended)
MC68HC705MC4VP, VDW, VS (Automotive)
MC68HC705MC4MP, MDW, MS(Automotive)
TA
TL to TH
0 to 70
–40 to 85
–40 to 105
–40 to 125
°C
Operating Voltage Range
VDD
5.0
± 10%
V
Table 14-3. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance
Plastic (28 Pin)
SOIC (28 Pin)
θ
JA
60
60
°C/W
I/O Pin Power Dissipation
PI/O
User Determined
W
Power Dissipation(1)
PD
PD = (IDD x VDD) + PI/O =
K/(TJ + 273 °C)
W
Constant(2)
K
PD x(TA + 273 °C)
+ PD
2 x
θ
JA
W/
°C
Average Junction Temperature
TJ
TA + (PD x θJA)
°C
Maximum Junction Temperature
TJM
125
°C
NOTES:
1. Power dissipation is a function of temperature.
2. K is a constant unique to the device. K can be determined for a known TA and
measured PD. With this value of K, PD and TJ can be determined for any value of TA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com