Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 165Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 166Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 167Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 180 page
background image
Electrical Specifications
MC68HC705MC4 — Rev. 2.0
Electrical Specifications
14.3 Absolute Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
NOTE:
This device is not guaranteed to operate properly at the maximum
ratings. Refer to 14.6 DC Electrical Characteristics for guaranteed
operating conditions.
NOTE:
This device contains circuitry to protect the inputs against damage due
to high static voltages or electric fields; however, it is advised that normal
precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to this high-impedance circuit. For proper
operation, it is recommended that VIN and VOUT be constrained to the
range VSS ≤ (VIN or VOUT) ≤ VDD. Reliability of operation is enhanced if
unused inputs are connected to an appropriate logic voltage level (for
example, either VSS or VDD.)
Table 14-1. Absolute Maximum Ratings(1)
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
VSS –0.3 to
VDD +0.3
V
Self-Check Mode (IRQ Pin Only)
VIN
VSS –0.3 to
2 x VDD +0.3
V
Current Drain Per Pin Excluding VDD
and VSS
I25
mA
Storage Temperature Range
TSTG
–65 to +150
°C
NOTE:
1. Voltages referenced to VSS..
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com