Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 20Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 21Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 22Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 23Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 24Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 25Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
xxii
Freescale Semiconductor
22.2.2.4
VDD33, VSS33 - Regulator Output1 (3.3V Logic) ................................................409
22.2.2.5
VDDPLL, VSSPLL - Regulator Output2 (3.3V PLL) ............................................409
22.2.2.6
VREGEN - Optional Regulator Enable ...................................................................409
22.3
Memory Map and Register Definition.............................................................................409
22.4
Functional Description.....................................................................................................409
22.4.1
General.........................................................................................................................409
22.4.2
REG - Regulator Core..................................................................................................409
22.4.2.1
Full Performance Mode ...........................................................................................410
22.4.3
POR - Power-On Reset ................................................................................................410
22.4.4
LVR15 - Low Voltage Reset ........................................................................................410
22.4.5
LVR33 - Low Voltage Reset ........................................................................................410
22.4.6
LVRPLL - Low Voltage Reset .....................................................................................410
22.4.7
Resets ...........................................................................................................................410
22.4.7.1
General.....................................................................................................................410
22.4.7.2
Description of Reset Operation ...............................................................................411
22.4.7.2.1
Power-On Reset (POR)........................................................................................411
22.4.7.2.2
Low Voltage Reset (LVR)....................................................................................411
22.5
Interrupts ..........................................................................................................................411
22.6
VREG Bus Aborts ...........................................................................................................411
22.7
VREG Differences from MAC71xx ................................................................................411
Chapter 23
Clock and Reset Generator (CRG)
23.1
Introduction......................................................................................................................413
23.1.1
CRG Overview ............................................................................................................413
23.1.2
CRG Block Diagram....................................................................................................413
23.1.3
Features........................................................................................................................414
23.1.4
Modes of Operation .....................................................................................................415
23.2
External Signal Description .............................................................................................415
23.2.1
Detailed Signal Descriptions .......................................................................................416
23.2.1.1
VDDPLL, VSSPLL ......................................................................................................416
23.2.1.2
XFC..........................................................................................................................416
23.2.1.3
RESET .....................................................................................................................416
23.2.1.4
CLKOUT/XCLKS ...................................................................................................416
23.3
Memory Map and Register Definition.............................................................................417
23.3.1
Memory Map ...............................................................................................................417
23.3.2
Register Descriptions...................................................................................................417
23.3.2.1
CRG Synthesizer Register (SYNR).........................................................................417
23.3.2.2
CRG Reference Divider Register (REFDV)............................................................418
23.3.2.3
CRG ARM Flag Register 1 (CTFLG) .....................................................................419
23.3.2.4
CRG Flags Register 2 (CRGFLG)...........................................................................420
23.3.2.5
CRG Interrupt Enable Register (CRGINT) .............................................................421
23.3.2.6
CRG Clock Select Register (CLKSEL)...................................................................421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com