Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 20Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 21Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
xviii
Freescale Semiconductor
16.2.1
8/16/32--bit accesses....................................................................................................325
16.3
External Signal Description .............................................................................................329
16.4
Memory Map/Register Definition ...................................................................................329
16.4.1
Overview......................................................................................................................330
16.4.2
Control Registers .........................................................................................................330
16.4.3
Register Descriptions...................................................................................................331
16.4.3.1
Master Privilege Registers (MPROT) .....................................................................331
16.4.3.2
Peripheral Access Control Registers (PACR)..........................................................332
16.4.3.3
Off-Platform Peripheral Access Control Registers (OPACRs) ...............................333
16.5
Functional Description.....................................................................................................333
16.5.1
AIPS Scalability...........................................................................................................333
16.5.1.1
Peripheral Presence..................................................................................................333
16.5.1.2
Registers ..................................................................................................................334
16.5.2
Access Protections .......................................................................................................334
16.5.3
Access Support ............................................................................................................334
16.5.4
Read Cycles .................................................................................................................334
16.5.5
Write Cycles.................................................................................................................334
16.5.6
Aborted Cycles ............................................................................................................334
16.6
Initialization/Application Information .............................................................................335
16.7
AIPS Bus Aborts..............................................................................................................335
16.7.1
IPI Register Interface ...................................................................................................335
16.7.2
IPI Bridge Interface .....................................................................................................335
16.8
AIPS Differences from MAC71xx ..................................................................................336
Chapter 17
External Bus Interface (FlexBus)
17.1
Introduction......................................................................................................................339
17.1.1
Block Diagram.............................................................................................................340
17.1.2
Features........................................................................................................................340
17.1.3
FlexBus Implementation..............................................................................................341
17.1.4
FlexBus Memory Map Relocation...............................................................................341
17.2
External Signals ...............................................................................................................341
17.2.1
Chip-Select (CS[2:0]) ..................................................................................................342
17.2.2
Address Bus (ADDR[21:0]) ........................................................................................342
17.2.3
Data Bus (DATA[15:0])...............................................................................................342
17.2.4
Read/Write (R/W) ........................................................................................................342
17.2.5
Transfer Burst (TBST) .................................................................................................342
17.2.6
Byte Write Enable/Byte Select (BWE[1:0]) ...............................................................342
17.2.7
Output Enable (OE) .....................................................................................................342
17.2.8
Transfer Acknowledge (TA) ........................................................................................343
17.3
Chip-Select Operation......................................................................................................343
17.3.1
General Chip-Select Operation....................................................................................343
17.3.1.1
8-bit and 16-bit Port Sizing......................................................................................343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com