Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 60Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 61Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 62Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 63Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 64Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 65Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 66Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 67Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
lxiv
Freescale Semiconductor
A-5
MAC7200 Family Device Operating Conditions ................................................................861
A-6
5V I/O Characteristics..........................................................................................................862
A-7
Oscillator Characteristics .....................................................................................................863
A-8
Thermal Resistance for 100 lead 14x14 mm LQFP, 0.5 mm Pitch .....................................864
A-9
Thermal Resistance for 144 lead 20x20 mm LQFP, 0.5 mm Pitch .....................................865
A-10
Power Dissipation 1/8 Simulation Model Packaging Parameters........................................866
A-11
Supply Current Characteristics ............................................................................................867
A-12
VREG Operating Conditions ...............................................................................................868
A-13
VREG Recommended Load Capacitances ..........................................................................869
A-14
Oscillator Characteristics .....................................................................................................870
A-15
PLL Characteristics..............................................................................................................872
A-16
Crystal Monitor Characteristics ...........................................................................................873
A-17
Clock Quality Checker Characteristics ................................................................................873
A-18
System Reset Characteristics ...............................................................................................873
A-19
General Purpose Input Timing Specifications .....................................................................874
A-20
General Purpose Output Timing Specifications ..................................................................874
A-21
Nexus Input Timing Specifications .....................................................................................875
A-22
Nexus Output Timing Specifications...................................................................................876
A-23
External Interrupt Characteristics ........................................................................................876
A-24
JTAG Port Timing ...............................................................................................................876
A-25
SPI Master Mode Timing Characteristics............................................................................877
A-26
SPI Slave Mode Timing Characteristics ..............................................................................879
A-27
External Bus Input Timing Specifications ...........................................................................881
A-28
External Bus Output Timing Specifications ........................................................................882
A-29
ATD Electrical Characteristics (Operating).........................................................................884
A-30
ATD Electrical Characteristics ............................................................................................885
A-31
ATD Conversion Performance in 5 V Range ......................................................................885
A-32
ATD Timing Specifications .................................................................................................889
A-33
ATD External Trigger Timing Specifications .....................................................................889
A-34
I2C Input Timing Specifications between SCL and SDA....................................................890
A-35
I2C Output Timing Specifications between SCL and SDA .................................................891
A-36
NVM Program/Erase Times ................................................................................................892
A-37
NVM Module Life ...............................................................................................................892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com