Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 80Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 81Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 82Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 83Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 84Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 85Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 86Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 87Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 976 page
background image
Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
6
Freescale Semiconductor
— Clock generation and Reset control performed in CRG.
— Phase-locked loop clock frequency multiplier.
— Self clocking mode available in absence of external clock.
— Software Watchdog Timer (SWT) watchdog.
•
Periodic Interrupt Timer (PIT) Module
— Independent timeout period for each timer.
— Four 32-bit general purpose timers, configurable to generate DMA trigger pulses.
— Four dedicated 32-bit timers to generate DMA trigger pulses.
— Two 32-bit timers that can be configured to generate ATD trigger pulses.
— One 24-bit real-time interrupt (RTI) timer.
— RTI operates from oscillator output clock.
•
Miscellaneous Control Module (MCM)
— Software watchdog timer with programmable system reset or interrupt response.
— Watchdog with optional Windowed mode.
— Access address information for faulted memory accesses.
— NMI configuration
•
System Services Module (SSM)
— System configuration and status.
– Memory sizes and status
– Security status
– Device mode
– eDMA status
– Debug Port.
– Nexus Status.
– System Reset.
•
General Purpose Input/Output
— Select between GPIO, interrupt or peripheral functionality on a pin-by-pin basis
— Register interface for both port wide and pin data reads and writes
— 6 independent 16-bit ports (Port A, B, C, D, F, G), with each pin having the following features:
– Peripheral or GPIO Mode selection, with up to 3 peripherals per pin
– Input/Output selection
– 5V output drive with three selectable slew rates (Disabled, Slow, Fast)
– 5V digital inputs
– Selectable pull-up or pull-down
– Selectable open drain for wired-or connections
– Selectable interrupt capability (with glitch filtering and interrupt mask)
— Control of ATD digital inputs (Port E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com