Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 81Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 82Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 83Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 84Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 85Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 86Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 87Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 88Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 976 page
background image
Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
7
– Selectable pull-up or pull-down
— Control of the TCK, TMS, TDI and TDO pads
– Input/Output selection
– 5V output drive with three selectable slew rates (Disabled, Slow, Fast) (TDO only)
– 5V digital inputs
– Selectable pull-up or pull-down (TCK, TMS and TDI only)
•
Internal Voltage Regulators.
— On-chip Voltage Regulators generate all necessary internal supply voltages from 5V only input
voltage, including Flash, Oscillator, PLL and core supply voltage.
— Bypass mode allows off-chip supply of all on-chip voltages.
— Power On Reset (POR) and Low Voltage Reset (LVR) detection with independent flags for full
reset source reporting.
•
144-Pin LQFP, 100-Pin LQFP
— I/O lines with 5V input and drive capability.
— Programmable pull-up pull-down or no-pull on all port pins.
— Programmable slew rate on all bidirectional port pins.
— 5V ATD converter inputs.
— 1.5V logic supply.
•
Development support
— Real Time Instruction Trace Support via Nexus Class 3.
— Alternate Nexus port pin position selectable at Reset
— ARM Embedded ICE debug support on all devices.
— JTAG Test Access Port (TAP) Interface.
— Debug mode access to CPU registers.
— Real Time memory access.
— Hardware Breakpoints.
Table 1-1. List of MAC72xx Devices
Flash
RAM
Package
Device
FlexCan
ESCI
DSPI
IIC
ATD1
1. ATD column shows: number of modules/total number of ATD channels.
eMIOS
Nexus3
I/O2
2. I/O column shows: sum of ports able to act as digital input or output.
320k
20k
144LQFP
7212
2
2
3
1
1/8
8
Yes
102
144LQFP
7202
2
2
3
1
1/16
8
Yes
102
100LQFP
7242
2
2
3
1
1/15
8
Yes
66
512k
32k
144LQFP
7211
2
2
3
1
1/8
16
Yes
102
144LQFP
7201
2
2
3
1
1/16
16
Yes
102
100LQFP
7241
2
2
3
1
1/15
16
Yes
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com