Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 75Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 76Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 77Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 78Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 79Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 80Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 81Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 82Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
1
Chapter 1
Introduction
1.1
Overview
Designed for automotive applications, MAC72xx devices are members of a family of 32-bit Flash-based
microcontrollers. The MAC7200 family’s pin compatibility enables users to choose between different
memory and peripheral options for scalable designs. All MAC72xx devices are composed of a 32-bit
central processing unit (ARM7TDMI-S), up to 512K bytes of embedded Flash memory, as well as
additional memory blocks (4 x 16K bytes) to support software emulation of EEPROM and (32K bytes)
Bootloader code. The devices also have up to 32K bytes of System RAM and are implemented with an
eDMA (enhanced Direct Memory Access) controller to enable transfers between memories and standard
on-chip peripherals.
The peripheral set includes up to two asynchronous serial communications interfaces (eSCI), up to three
serial peripheral interfaces (DSPI), one I2C™ bus, a configurable 16-bit Timer (eMIOS) enabling
functions such as dual action Capture/Compare and output Pulse Width Modulation, up to sixteen 12-bit
analog-to-digital (ATD) converter channels, and two CAN 2.0 A/B software compatible modules
(FlexCAN). In addition, a large number of General Purpose Input Output (I/O) pins are also offered. All
of these I/O pins are bidirectional, and are available with interrupt capability. The internal data paths
between the DMA, memory, core and the peripherals are all 32-bits wide, further improving performance
for 32-bit applications.
The inclusion of a Phase Locked Loop (PLL) circuit allows power consumption and performance to be
adjusted to suit operational requirements.
The MAC72xx device members are offered in 100-pin LQFP or 144-pin LQFP. The devices can be
operated over a temperature range of -40°C to 150°C junction temperature.
NOTE
The 144LQFP packages are not currently qualified; any future qualification
will be based upon customer demand and will be subject to specified
leadtimes. This package option is supported for limited samples only, and
does not include burn-in testing.
1.2
Features
•
32-bit ARM7 TDMI-S RISC Core
— Up to 70MHz operating frequency
— Efficient code density through 16-bit instructions.
— Alternate general purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com