Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 65Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 66Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 67Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 68Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 69Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 70Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 71Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 72Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 976 page
background image
Terminology
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
lxix
FC
Flash Core, contains all addressable non-volatile storage elements. This includes Low Address
Space, Mid Address Space, High Address Space, and Shadow Space. Also known as Flash
Array.
Field
Two or more register bits grouped together.
Fill
To add entries to a FIFO by software or hardware.
Flash Array
A non-volatile SuperFlash® memory array used to build the Program Flash blocks, which
includes a Flash memory core with built-in high voltage generation and parametric features.
Flash Logical Page
4096 bytes of contiguous Flash memory consisting of two interleaved Flash physical blocks
representing the smallest section of the Flash memory that can be erased.
Flash Logical Sector
Section of contiguous Flash memory that can be protected from program, erase, and
unauthorized access.
Flash User Mode
Flash module operations defined for User/Normal mode.
Frame
The data content of a serial transmission. Also referred to as DSPI Data.
FSM
Finite State Machine
GPIO
General purpose Input/Output
H7Fb
HiP7a Low Cost Flash EEPROM Module.
Hard Reset
Reset coming from external pin and/or following power-on. It resets everything.
HAS
High Address Space. If it exists, it contains 128k Byte subdivisions of the H7Fb array.
Host
Refers to the MCU or other bus master module
IEEE-ISTO 5001
Consortium & standard for real-time embedded system design. World wide Web
documentation at http://www.nexus5001.org/.
IIB
Internal Interface Bus
input capture
Sampling of a time base value upon the occurrence of an input signal transition.
IPI
Internal Peripheral Interface - a Freescale peripheral slave bus
IPF
Input Programmable Filter
IPM
Input Period Measurement
IPS
Intelligent Peripheral Subsystem bus interface
JTAG Compliant
Device complying to IEEE 1149.1 JTAG standard
JTAG IR & DR
Sequence
JTAG Instruction Register (IR) scan to load an opcode value for selecting a development
register. The selected development register is then accessed via a JTAG Data Register (DR)
scan.
LAS
Low Address Space. 256KByte in size. Various configurations exist for Low Address Space.
May also be 128KByte in size if total memory size is 128KByte (i.e. No MAS or HAS).
LC
Loop Control
LIN
Local Interconnect Network – A protocol for low-cost automobile networks
LIN FSM
LIN Finite State Machine – The control logic of the LIN hardware
Table ii. Terminology (Continued)
Terms
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com