Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 82Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 83Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 84Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 85Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 86Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 87Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 88Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 89Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 976 page
background image
Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
8
Freescale Semiconductor
•
144 Pin Packages:
— PAC7211/PAC7212
– Port A = 16, B = 16, C = 16, D = 14, E = 8, F = 16, G = 16.
– 101 inputs provide interrupt capability (Ports, XIRQ/NMI).
— PAC7201/PAC7202
– Port A = 16, B = 16, C = 16, D = 12, E = 16, F = 16, G = 10.
– 101 inputs provide interrupt capability (Ports, XIRQ/NMI).
NOTE
The 144LQFP packages are not currently qualified; any future qualification
will be based upon customer demand and will be subject to specified
leadtimes. This package option is supported for limited samples only, and
does not include burn-in testing.
•
100 Pin Packages:
— MAC7242/MAC7241
– Port A = 3, B = 16, C = 0, D = 8, E = 8, F = 16, G = 15.
– 66 inputs provide interrupt capability (Ports, XIRQ/NMI).
Figure 1-1. Orderable Part Number Example
1.2.1
Performance Summary
Max Processor/System Bus Speed: 70MHz (T=14.3ns)
Max Peripheral Bus Speed: 35MHz (T=28.6ns) (1/2 Max Processor Speed)
Context Switching: Assumed to be about 25 cycles for all ISRs
Temperature Option
C = - 40ºC to 85ºC
V = - 40ºC to 105ºC
M = - 40ºC to 125ºC
FU = 100 QFP
PV = 144 LQFP
Package Identifier
MC Status
Core Code
Core Number
Generation / Family
Package Option
Device Number
Temperature Range
Package Identifier
Speed (MHz)
P AC 7 2 0 2 C PV 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com