Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 86Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 87Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 88Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 89Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 90Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 91Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 92Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 93Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 976 page
background image
Modes of Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
12
Freescale Semiconductor
In addition to the above mode, each peripheral may be individually disabled in order to minimize power
consumption for those peripherals not used in a particular application.
See Chapter 3, “Low Power Modes” for more detailed information on low power modes.
1.3.8
Debug Mode
In addition to the functional chip modes and low power modes described above, the MAC72xx supports a
Debug mode. By placing the system in Debug mode, the following actions occur:
•
The ARM7 core is placed into Halt Mode or Monitor Mode, depending on the state of the DCR[4]
bit.
•
The Real Time Interrupt (RTI) clock is shut off
•
The Software Watchdog Timer (SWT) clock is shut off
•
All peripheral level debug features are enabled
—DMA2
— FlexCAN2
— DSPI
—eMIOS
—ATD
— MCM (Software Watchdog Timer)
More information on system debug features can be found in Chapter 8, “Debug”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com