Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 87Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 88Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 89Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 90Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 91Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 92Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 93Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 94Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 976 page
background image
Block Diagram
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
13
1.4
Block Diagram
Figure 1-2. MAC72xx Architecture Overview
32
32
32
32
32
32
32
32
32
32
32
32
32
32
32
S1
32
S7
M0
M1
32
S3
32
NATIVE
32
32
32
32
32
32
32
S0
32
S1
S5
32
32
Full speed Peripheral Bus
Half speed Peripheral Bus
Full speed System Bus
32
32
AXBS
Nexus3p
FlexBus
DMA2
PRAM
BAM
PFLASH
ARM7
EICE
INTC
MCM
H7Fb
OSC
VREG
PIM (GPIO)
CRG/PLL
CAN_A
CAN_B
PIT
(32-bit)
SPI_A
SPI_B
SPI_C
ATD
(12b,16ch)
DMA Mux
SSM
IIC
SCI_A
SCI_B
Registers
64
AIPS
BUS
Gasket
32K
Shadow
with ECC
320K/512K
Main Array
with ECC
20K/32K
SRAM with
ECC
eMIOS
8/16-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com