Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
vii
4.3.73
PG[14] / PCS[4] — Port G I/O Pin and DSPI_B ..........................................................53
4.3.74
PG[15] / PCS[3] — Port G I/O Pin and DSPI_B ..........................................................54
4.4
Power Supply Pins .............................................................................................................54
4.4.1
VPP — Power For Flash Program and Erase ................................................................54
4.4.2
VDDX1-4,6-11, VSSX1-11 (except VDDX5) — Power and Ground Pins for
I/O Drivers .................................................................................................................54
4.4.3
VDDX5 /VDDAPASS — Power Pin for I/O Drivers and Control Voltage for Internal
Pass Transistors..........................................................................................................54
4.4.4
VDDR/VREGEN — Power Pin for the Internal Voltage Regulator .............................54
4.4.5
VDD15a, VSS15a — Core Power Pins .........................................................................55
4.4.6
VDD15c/VDDF, VSS15c/VSSF — Core and Flash Logic Power Pins........................55
4.4.7
VDD33/VFLASH, VSS33 — Flash and I/O Pre-Driver Power Pins............................55
4.4.8
VDDA, VSSA — Power Supply Pins for ATD and Voltage Regulator Control...........55
4.4.9
VRH, VRL — ATD Reference Voltage Input Pins .......................................................56
4.4.10
REFBYPC — ATD Reference Voltage Bypass Capacitor ............................................56
4.4.11
VDDPLL, VSSPLL — Power Supply Pins for PLL .....................................................56
4.4.12
VSS-TEST — Power Supply Pin ..................................................................................56
Chapter 5
System Clock Description
5.1
Clocks Introduction............................................................................................................59
5.2
Clock Generation ...............................................................................................................61
5.2.1
Clock Source Selection..................................................................................................63
5.2.1.1
ALC 1:1 Mode...........................................................................................................64
5.2.1.2
ALC PLL Mode.........................................................................................................64
5.2.1.3
External Clock 1:1 Mode...........................................................................................65
5.2.1.4
External Clock PLL Mode.........................................................................................66
5.2.2
Self Clock Mode (SCM) ................................................................................................67
5.2.3
Crystal Monitor..............................................................................................................67
5.2.4
Clock Quality Checker...................................................................................................67
5.3
Clock Usage .......................................................................................................................67
5.4
Clock Gating ......................................................................................................................68
5.5
Oscillator............................................................................................................................69
Chapter 6
Resets
6.1
Resets Introduction ............................................................................................................71
6.2
Power On Reset (POR) ......................................................................................................73
6.3
System Reset......................................................................................................................73
6.4
Debug Reset .......................................................................................................................73
6.5
Software Reset ...................................................................................................................74
6.6
Reset Implementation ........................................................................................................74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com