Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 37Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 38Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 39Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 40Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 41Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 42Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 43Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 44Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
xli
Figures
1-1
Orderable Part Number Example.............................................................................................8
1-2
MAC72xx Architecture Overview.........................................................................................13
4-1
PAC7211/PAC7212 Pin Assignment, 144 QFP ....................................................................30
4-2
PAC7201/PAC7202 Pin Assignment, 144 QFP ....................................................................31
4-3
MAC7241/MAC7242 Pin assignments, 100 Pin LQFP package .........................................32
4-4
Bidirectional Open Drain Pin.................................................................................................39
4-5
PLL Loop Filter Connections ................................................................................................39
5-1
MAC72xx Clock Tree............................................................................................................60
5-2
CRG Generated Clocks..........................................................................................................62
5-3
Timing of CRG Generated Clocks.........................................................................................63
5-4
ALC 1:1 Mode Clock Path ....................................................................................................64
5-5
ALC PLL Mode Clock Path ..................................................................................................65
5-6
External Clock 1:1 Mode Clock Path ....................................................................................66
5-7
External Clock PLL Mode Clock Path ..................................................................................67
5-8
System Clock Gating .............................................................................................................70
6-1
MAC72xx Resets ...................................................................................................................72
8-1
JTAG Interface Overview......................................................................................................92
8-2
JTAG TCK Routing ...............................................................................................................93
8-3
JTAG TMS Routing...............................................................................................................93
8-4
JTAG TDI Routing ................................................................................................................94
8-5
JTAG TDO Routing...............................................................................................................94
8-6
JTAG Synchronization Circuit ..............................................................................................95
8-7
JTAG Synchronization Timing (TCK = 1/3 frequency of ipg_clk) ......................................96
8-8
JTAG Synchronization Timing (TCK = 1/8 frequency of ipg_clk) ......................................96
8-9
Halt Mode Overview..............................................................................................................98
8-10
Monitor Mode Overview .......................................................................................................99
9-1
MAC72xx Memory Map Overview.....................................................................................103
9-2
MAC72x1 Memory Map Example .....................................................................................104
9-3
MAC72x2 Memory Map Example ....................................................................................105
9-4
Device Programming Sequence ...........................................................................................124
9-5
Device “Normal” Boot Sequence ........................................................................................124
11-1
A7S Nexus3 Functional Block Diagram..............................................................................129
11-2
Single Pin MSEO Transfers.................................................................................................145
11-3
Two Pin MSEO Transfers....................................................................................................146
11-4
JTAG ID Register ................................................................................................................149
11-5
Client Select Control Register (CSC) ..................................................................................151
Figure
Number
Title
Page
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com