Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 64Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 65Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 66Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 67Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 68Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 69Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 70Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 71Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 976 page
background image
Terminology
MAC7200 Microcontroller Family Reference Manual, Rev. 2
lxviii
Freescale Semiconductor
CRG
Clock and Reset Generator module
CS
Chip Select. In Master Mode, the CS signal is used to select which slave device to talk to.
CSI
Combined Serial Interface. DSPI configuration that alternates DSI and SPI frames.
CSM
Conversion state machine
DAC
Digital to Analog Converter: Converts a binary value into a voltage
DAIC
Double Action Input Capture
DAOC
Double Action Output Compare
Debug Mode
This is a system mode intended for debugging operations. When this mode is triggered, a
global Debug Mode Request signal is sent to all modules, so that they can prepare themselves
with debugging capabilities.
Deserialize
To convert data from a serial format to a parallel format.
DMA
Direct memory access
DMA Mux
Direct Memory Access Multiplexer module
DMADC1032
ATD with DMA interface
Dominant Bit
A dominant bit wins the arbitration on the CAN bus. It is transmitted as ‘0.’
Doze Mode
This is a system low power mode in which the CPU bus is kept alive and a global Doze Mode
request is sent to all peripherals asking them to enter low power mode. Typically, when Doze
Mode is requested, each peripheral can be enabled individually to enter or not low power
mode.
Drain
To remove entries from a FIFO by software or hardware.
DSI
Deserial Serial Interface. DSPI configuration that serializes and deserializes registers or
purpleline signals to allow for pin reduction.
DSI Frame
Collection of serialized or deserialized pin states or register bits transferred over the serial link
DSPI
(Deserialized) Serial Peripheral Interface
ECC
Error Correction Code. Internally used to correct single bit errors, or detect double errors within
a 64 bit double word.
ECLK
E clock
eDMA
Enhanced Direct Memory Access controller module
EmbeddedICE
The ARM7 EmbeddedICE debug module. This module integrated with each ARM7 core
provides all static (core halted) debug functionality. This module is compliant with Class1 of the
IEEE-ISTO 5001 standard.
eMIOS
Enhanced Modular Input/Output Subsystem
EOQ
End of Queue
Erase State
Flash array bit state that reads as a “1.”
eSCI
Enhanced SCI module with LIN hardware and DMA support
Table ii. Terminology (Continued)
Terms
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com