Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 78Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 79Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 80Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 81Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 82Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 83Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 84Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 85Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 976 page
background image
Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
4
Freescale Semiconductor
— Programmable I/O modes.
— External transceiver assumed.
•
Enhanced Modular I/O Subsystem features (eMIOS)
— 8 unified channels (MAC72x2) / 16 unified channels (MAC72x1), with every channel
able to provide all timer functions and modes.
— All channels can be enabled for eDMA service.
— Channels can be individually disabled to assist with power saving.
— Two or three 16-bit counter buses (A and B, or A, B, and C) for sharing time base around the
module.
— One global prescaler and an individual prescaler available for each channel.
— Modulus counter mode on all channels.
— Single action input capture or output compare modes on all channels.
— Input pulse width and period measurement modes on all channels.
— Double action output compare mode on all channels.
— Output pulse width and frequency modulation modes on all channels.
— Output pulse width modulation modes on all channels.
— Center aligned output pulse width modulation with dead time insertion modes on all channels.
— Pulse or edge accumulation and counting modes on all channels.
— Windowed programmable time accumulation mode on all channels.
— Quadrature decode modes on all channels.
— General purpose I/O available on unused eMIOS pins.
— Center-aligned PWM with dead-time insertion
•
Three Serial Peripheral Interface features (DSPI)
— Full Duplex, Synchronous Transfers.
— Master or Slave Operation.
— Programmable Master Bit Rates.
— Programmable Clock Polarity and Phase.
— End-of-Transmission Interrupt Flag.
— Programmable transfer Baud rate.
— Programmable data frames from 4-bits to 16-bits.
— Up to 6 chip select lines enable 64 external devices to be selected using external multiplexing
from a single DSPI.
— 8 Clock and Transfer Attributes registers.
— Chip Select Strobe available as alternate function on one of the Chip Select pins for
de-glitching.
— Two dedicated DMA request lines on each peripheral for receive and transmit data.
— FIFO for buffering up to 4 transfers on the transmit and receive side.
— Queueing operation possible through use of the DMA controllers channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com