Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 69Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 70Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 71Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 72Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 73Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 74Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 75Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 76Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 976 page
background image
Register Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
lxxiii
Register Descriptions
Each peripheral module chapter (12.2, “The SPP DMA Controller Module (SPP_DMA2)” through
Chapter 34, “Port Integration Module (PIM_MAC7202)”) contains a register description subsection that
details the location and definition of the user-accessible control and status bits and fields for the peripheral.
All register descriptions in this manual use bit 31, 15 or 7 (depending on the register size) to represent the
most significant bit and bit 0 to represent the least significant bit. Refer to Section 9.8, “Accessing
registers” for details on how registers may be accessed.
Each register description subsection includes a register diagram figure showing bit field mnemonic names
and locations followed by a table containing the full name for each bit field, a short description of
operational characteristics and exact bit value definitions. The figure and tables below show an example
of the format used for register figures, field descriptions and the conventions used to specify bit fields.
Row Label
Column Content
xx
Bit number, specifies the location of the bit or field within the register.
R
Behavior for read accesses. If named, the description table below the register diagram specifies the
definition. If zero, the bit will always read as zero. If shaded, the read value is undefined and the bit
position is reserved and must be ignored for future compatibility.
W
Behavior for write accesses. If named, the description table below the register diagram specifies the
definition. If shaded, the bit position is reserved and must be written as zero for future compatibility.
Reset
Bit state immediately after a reset operation. Zero or one indicates how the bit state is affected by
reset, an emdash indicates that the bit state is not affected by reset.
Reg Addr
Specifies the address of the most significant byte of the register (for a 16- or 32-bit register). Base is
the module address as specified in Chapter 9, “Device Memory Map’, Table 9-4 on page 9-108. Offset
is a hexadecimal number in the format 0x0000, or a formula used to calculate the offset, that is added
to Base to calculate the address of the register.
Table iii. Register Diagram Conventions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com