Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 91Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 92Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 93Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 94Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 95Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 96Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 976 page
background image
MCU Mode Selection
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
17
•
JTAG Lockout Recovery
2.3.3.1
Software Unsecure
Since the security state of the device is determined solely by a user programmable location in the Shadow
Block, any application may choose to implement a software unsecure method, through any interface.
There are no built-in features, such as a backdoor access key, on the MAC72xx.
2.3.3.2
JTAG Lockout Recovery
If a software unsecure of the device is not possible, an alternative method exists for unsecuring the device.
In this method, called Lockout Recovery, the Flash main array and Shadow Block are first erased before
the device is unsecured. This procedure can be performed with a JTAG instruction over the JTAG interface
of the device. The recommended procedure is as follows:
1. Assert the RESET to the device
2. While the RESET is asserted, set the “Start Flash Lockout Recovery” bit (bit 9) in JTAG Test
Register SC4
3. Release the RESET
4. The JTAG Lockout Recovery procedure will run automatically, erasing both the Flash main array
and the Shadow Block, followed by a re-programming of the security bits to an unsecured state.
5. Sample the JTAG Test Register SC4 until the “Flash Lockout Recovery is complete” bit (bit 8) is
set
6. If the “Flash Security Request” bit (bit 19) is cleared, the device is now unsecured
7. Reset the device again in order to leave JTAG Lockout Recovery mode. There is no need to clear
the “Start Flash Lockout Recovery” or “Flash Lockout Recovery is complete” bits, as they are
self-clearing.
Note that performing Lockout Recovery erases both the Flash main array and the Shadow Block.
2.4
MCU Mode Selection
The chip operating mode out of Reset is determined by the states of the MODA and MODB pins (Port
D[1:0]) at Reset and the security status of the Program Flash.
Table 2-1. MCU Mode Selection Signals
Signal
Function
MODA/MODB
(PD1/PD0)
These two pins are latched at reset to determine the chip mode (See
Table 2-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com