Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 95Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 96Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 102Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 976 page
background image
External Bus Configuration
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
21
The Nexus may be enabled or disabled using the settings described in Table 2-5.
The Nexus Port may be changed only by resetting the device. Please refer to Chapter 8, “Debug” for more
information on configuring and using Nexus.
2.7
External Bus Configuration
If the device and MCU Mode support an external bus, then it may be configured via the PF2 and PF3 pins.
Please refer to Chapter 17, “External Bus Interface (FlexBus)” for more information on configuring and
using the External Bus.
2.8
Low Power Modes
The microcontroller features only a single low power mode:
•
DOZE Mode. In this mode, individual peripherals may be shut down to allow a completely
customizable power consumption profile tailored to the requirements of the application.
Table 2-4. Nexus Port Selection
Pin
Reset State Definition
NEXPORTSEL
(PF0)
This bit determines whether the Nexus, if present, resides on the Primary or Secondary Port.
NEXPRESENT
(PF1)
This bit determines whether an external debug system is physically connected to the MAC72xx. Internally, it
is used with NEXUSPORTSEL to place the Nexus Primary or Secondary Port pads into the correct
configuration.
Table 2-5. Nexus Hardware Configuration
NEXPORTSEL
NEXPRESENT
Effect
0
0
Nexus is not present.
0
1
Nexus is present on the Primary Port.
1
0
Nexus is not present.
1
1
Nexus is present on the Secondary Port.
Table 2-6. External Bus Configuration
Pin
Reset State Definition
AUTOACK
(PF2)
This bit enables the Auto Acknowledge feature for the Global
Chip Select on the External Bus. Internally, this latched value is tied to fb_rst_cfg[2].
PORTSIZE
(PF3)
This bit determines the port size of the External Bus as follows:
08-bit
1 16-bit
Internally this latched value is driven onto fb_rst_cfg[1], while fb_rst_cfg[0] is tied to 1. This precludes the
use of a 32-bit Port size, which is not supported on the MAC72xx. The full encoding for fb_rst_cfg[1:0] is:
00 32-bit
01 8-bit
1x 16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com